Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS192 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS192
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS192 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS192 Datasheet HTML 1Page - ON Semiconductor 74LS192 Datasheet HTML 2Page - ON Semiconductor 74LS192 Datasheet HTML 3Page - ON Semiconductor 74LS192 Datasheet HTML 4Page - ON Semiconductor 74LS192 Datasheet HTML 5Page - ON Semiconductor 74LS192 Datasheet HTML 6Page - ON Semiconductor 74LS192 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
FAST AND LS TTL DATA
PRESETTABLE BCD/DECADE
UP/DOWN COUNTER
PRESETTABLE 4-BIT BINARY
UP/DOWN COUNTER
The SN54/74LS192 is an UP/DOWN BCD Decade (8421) Counter and the
SN54/74LS193 is an UP/DOWN MODULO-16 Binary Counter. Separate
Count Up and Count Down Clocks are used and in either counting mode the
circuits operate synchronously. The outputs change state synchronous with
the LOW-to-HIGH transitions on the clock inputs.
Separate Terminal Count Up and Terminal Count Down outputs are
provided which are used as the clocks for a subsequent stages without extra
logic, thus simplifying multistage counter designs. Individual preset inputs
allow the circuits to be used as programmable counters. Both the Parallel
Load (PL) and the Master Reset (MR) inputs asynchronously override the
clocks.
• Low Power . . . 95 mW Typical Dissipation
• High Speed . . . 40 MHz Typical Count Frequency
• Synchronous Counting
• Asynchronous Master Reset and Parallel Load
• Individual Preset Inputs
• Cascading Circuitry Internally Provided
• Input Clamp Diodes Limit High Speed Termination Effects
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2345
6
7
16
15
8
VCC
P1
P0
MR
TCD TCU
P2
PL
P3
Q1
Q0
CPD CPU
Q2
Q3
GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
CPU
CPD
MR
PL
Pn
Qn
TCD
TCU
Count Up Clock Pulse Input
Count Down Clock Pulse Input
Asynchronous Master Reset (Clear) Input
Asynchronous Parallel Load (Active LOW) Input
Parallel Data Inputs
Flip-Flop Outputs (Note b)
Terminal Count Down (Borrow) Output (Note b)
Terminal Count Up (Carry) Output (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
SN54/74LS192
SN54/74LS193
PRESETTABLE BCD / DECADE
UP / DOWN COUNTER
PRESETTABLE 4-BIT BINARY
UP / DOWN COUNTER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
5
4
32
6
7
12
9
10
1
15
11
CPD
Q0 Q1 Q2 Q3
TCD
P3
P2
P1
P0
PL
CPU
TCU
13
MR
14


Similar Part No. - 74LS192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS192 MOTOROLA-74LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Hitachi Semiconductor
74LS192 HITACHI-74LS192 Datasheet
104Kb / 7P
Synchronous Up/Down Decade Counters(dual clock lines)
logo
Motorola, Inc
74LS192D MOTOROLA-74LS192D Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results

Similar Description - 74LS192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
Presettable BCD/Decade UP/DOWN Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Sep-2002
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com