Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28BL01 Datasheet(PDF) 1 Page - promoco-motors.com

Part # 28BL01
Description  Brushless DC Motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROMOCO [promoco-motors.com]
Direct Link  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

28BL01 Datasheet(HTML) 1 Page - promoco-motors.com

  28BL01 Datasheet HTML 1Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Brushless DC Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
28BL Series
General Specifications
Customized solutions on request.
Electrical Specifications
Model
28BL01
28BL02
28BL03
Number of Poles
4
4
4
Number of Phases
3
3
3
Rated Voltage
VDC
12
24
24
Rated Speed
RPM
3000
3000
3000
Rated Torque
Nm
0.015
0.03
0.05
Rated Current
A
0.9
1
1.5
Output Power
W
11
22
33
Peak Torque
Nm
0.045
0.09
0.15
Peak Current
A
2.7
3
4.5
Torque Constant
Nm/A
0.035
0.058
0.057
Back EMF
V/KRPM
3.37
6.1
6.1
Rotor Inertia
gcm2
1.5
2.5
6
Body Length
mm
40.5
53
78
Mass
kg
0.08
0.1
0.3
Caution: Peak Torque is provided for the purpose of performance calculations only.
Operating near, or at this condition can result in motor damage.
Mechanical Dimensions
Wiring diagram
Winding Type
Star
Hall Effect Angle
120°C Electrical Angle
Insulation Class
B
Ambient Temperature Range
-20°C ~ +50°C
Insulation Resistance
100 MΩ Min. 500 VDC
Dielectric Strength
500 VAC 1 minute


Similar Part No. - 28BL01

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28B0141-000 LSTD-28B0141-000 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
28B0157-100 LSTD-28B0157-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
List of Unclassifed Man...
28B0250-100 ETC-28B0250-100 Datasheet
1Mb / 25P
Electro-Magnetic Interference Solutions
logo
Laird Tech Smart Techno...
28B0250-100 LSTD-28B0250-100 Datasheet
78Kb / 1P
this print is the property of laird tech
28B0250-100 LSTD-28B0250-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
More results

Similar Description - 28BL01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB59C024035-A ETC-DB59C024035-A Datasheet
100Kb / 1P
brushless dc motor
DB59M024035-A ETC-DB59M024035-A Datasheet
100Kb / 1P
Brushless Dc motor
DF45L024048-A2 ETC-DF45L024048-A2 Datasheet
139Kb / 1P
Brushless Dc Motor
logo
STEPPERONLINE
36BLR45-12-01 STEPPERONLINE-36BLR45-12-01 Datasheet
109Kb / 1P
Brushless DC Motor
36BLR55-24-01 STEPPERONLINE-36BLR55-24-01 Datasheet
108Kb / 1P
Brushless DC Motor
42BLR53-12-01 STEPPERONLINE-42BLR53-12-01 Datasheet
109Kb / 1P
Brushless DC Motor
42BLS47-24-01 STEPPERONLINE-42BLS47-24-01 Datasheet
119Kb / 1P
Brushless DC Motor
logo
promoco-motors.com
33BL PROMOCO-33BL Datasheet
303Kb / 1P
Brushless DC Motor
42BLY PROMOCO-42BLY Datasheet
553Kb / 2P
Brushless DC Motor
57BID01-12 PROMOCO-57BID01-12 Datasheet
322Kb / 1P
Brushless DC Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com