Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3AW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3AW
Description  3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3AW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3AW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3AW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
︳
EC3AW SERIES
3 WATT 4:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 3W Isolated Output
* DIP-24/SMD Package
* Efficiency to 77%
* 4:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
NOTE: 1. Nominal Input Voltage 24 or 48 VDC
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF.
CASE
EC3AW01
9-36 VDC
5 VDC
600 mA
15 mA
174 mA
72
DIP-24
EC3AW02
9-36 VDC
12 VDC
250 mA
15 mA
165 mA
76
DIP-24
EC3AW03
9-36 VDC
15 VDC
200 mA
15 mA
165 mA
76
DIP-24
EC3AW04
9-36 VDC
±5 VDC
±300 mA
25 mA
179 mA
70
DIP-24
EC3AW05
9-36 VDC
±12 VDC
±125 mA
25 mA
174 mA
72
DIP-24
EC3AW06
9-36 VDC
±15 VDC
±100 mA
25 mA
174 mA
72
DIP-24
EC3AW07
9-36 VDC
3.3 VDC
600 mA
15 mA
117 mA
70
DIP-24
EC3AW11
18-72 VDC
5 VDC
600 mA
7.5 mA
87 mA
72
DIP-24
EC3AW12
18-72 VDC
12 VDC
250 mA
7.5 mA
81 mA
77
DIP-24
EC3AW13
18-72 VDC
15 VDC
200 mA
7.5 mA
81 mA
77
DIP-24
EC3AW14
18-72 VDC
±5 VDC
±300 mA
12 mA
88 mA
71
DIP-24
EC3AW15
18-72 VDC
±12 VDC
±125 mA
12 mA
87 mA
72
DIP-24
EC3AW16
18-72 VDC
±15 VDC
±100 mA
12 mA
87 mA
72
DIP-24
EC3AW17
18-72 VDC
3.3 VDC
600 mA
7.5 mA
58 mA
70
DIP-24


Similar Part No. - EC3AW

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW02 RSG-EC3AW02 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW03 RSG-EC3AW03 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW04 RSG-EC3AW04 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW05 RSG-EC3AW05 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results

Similar Description - EC3AW

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB200W RSG-CHB200W Datasheet
205Kb / 1P
132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
CQB75W RSG-CQB75W Datasheet
135Kb / 1P
75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
CQB100W RSG-CQB100W Datasheet
136Kb / 1P
100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3SAW CINCON-EC3SAW Datasheet
183Kb / 2P
3 WATT 4:1 INPUT DC-DC CONVERTERS
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com