Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3AW02 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3AW02
Description  3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3AW02 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3AW02 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3AW02 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
ISOLATION VOLTAGE:
Input Voltage Range ....……………..........….......... 24V ......................... 9-36V
500 VDC min. …………………………………………… Standard Models
48V ........................18-72V
3K VDC min. (note4) …………………………………… Suffix “H” Models
Input Filter ………………………………………………….…………..... Pi Type
1.5K VDC min. ….…………………….……………… Suffix “HM” Models
OUTPUT SPECIFICATIONS:
CASE MATERIAL:
Voltage Accuracy ......................................................................... ±2.0% max.
Standard Models …………….…………… Non-Conductive Black Plastic
Voltage Balance (Dual) .................................................................. ±1.0% max.
Suffix “M” Models (note 5) ………... Black Coated Copper with Non-conductive Base
Temperature Coefficient …………………………………………… ±0.05%/℃
NOTE:
Ripple & Noise, 20MHz BW Single & ±5V ………….…… 100mV pk-pk max.
1. Measured from high line to low line.
Dual …..……………………..… 1% pk-pk max.
2. Measured from full load to 10% load.
Short Circuit Protection ……………………………………………… Continuous
3. Measured from full load to 1/4 load.
Line Regulation Single/Dual (note1) …….………………….........…±0.5% max.
4. Non-Conductive black plastic only.
Load Regulation Single (note2) ……………..…….......……….... ±0.5% max.
5. Suffix “S” to the model number with SMD packages.
Dual (note3) ………….…………………………±1.0% max.
6. Maximum case temperature under any operating condition should
GENERAL SPECIFICATIONS:
not be exceeded 95℃(Plastic Case), 100℃(Copper Case).
Efficiency .......................................................................................... See Table
Isolation Resistance .....................................................…… 10
9 ohm min.
Switching Frequency ................................................................... 100KHz min.
Operating Ambient Temperature Range .................................. -25℃ to +71℃
De-rating, Above 71℃ (Plastic Case) ……… Linearly to Zero power at 95℃
De-rating, Above 71℃ (Copper Case) ….… Linearly to Zero power at 100℃
Case Temperature (Plastic case note6) ...................................... 95℃ max.
(Copper case note6) ……………………….. 100℃ max.
Cooling ………………………………………..…………….. Natural Convection
Storage Temperature Range ………....….......……........ -40℃ to +100℃
Dimensions …… DIP ….….… 1.25x0.80x0.40 inches(31.8x20.3x10.2 mm)
SMD ………… 1.25x0.80x0.45 inches(31.8x20.3x11.4 mm)
Weight …………………………………………………………..………... 12.5g
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single Output
Dual Output
1,24
2,23
3,22
10,15
11,14
12,13
+V Input
NC
NC
-V Output
+V Output
-V Input
+V Input
-V Output
-V Input
Common
Common
+V Output
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
9
4
20,21
CASE AS
TOP
VIEW
DIP
SMD
NP
NC
NP
NC
NP
NC
DIP
SMD
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
NP
NC
NP
NC
NP
NC
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
16
NP
NC
NP
NC
5
NP
NC
NP
NC
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm) DIA
Typical Derating curve for Natural Convection
71
-25
95
100
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Plastic Case
Copper Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com