Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2578 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2578
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2578 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2578 Datasheet HTML 1Page - New Japan Radio NJM2578 Datasheet HTML 2Page - New Japan Radio NJM2578 Datasheet HTML 3Page - New Japan Radio NJM2578 Datasheet HTML 4Page - New Japan Radio NJM2578 Datasheet HTML 5Page - New Japan Radio NJM2578 Datasheet HTML 6Page - New Japan Radio NJM2578 Datasheet HTML 7Page - New Japan Radio NJM2578 Datasheet HTML 8Page - New Japan Radio NJM2578 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2578
-7-
s
s
s
s TYPICAL CHRACTERISTICS
Supply Current vs. Temperature
Supply Current at Power Save Mode vs. Temperature
(V
+=3V No Signal)
(V
+=3V No Signal)
Maximum Output Voltage Swing vs. Temperature
Voltage Gain vs. Temperature
(V
+=3V, f=100kHz THD=1%)
(vin=100kHz 0.5Vpp sine signal)
LPF Characteristics vs. Temperature
LPF Characteristics vs. Temperature
(V
+=3V, vin=4.5MHz/100kHz 0.5Vpp)
(V
+=3V, vin=8MHz/100kHz 0.5Vpp)
11.0
11.5
12.0
12.5
13.0
13.5
14.0
-50
0
50
100
T[C
o]
1.0
2.0
3.0
4.0
5.0
6.0
-50
0
50
100
T[C
o]
6
7
8
9
10
11
12
13
14
-50
0
50
100
T[C
o]
0
10
20
30
40
50
60
-50
0
50
100
T[C
o]
-1.5
-1.0
-0.5
0.0
0.5
-50
0
50
100
T[C
o]
-10
-8
-6
-4
-2
0
2
-50
0
50
100
T[C
o]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com