Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK351DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK351DB
Description  1:10 clock distribution device with 3-State outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351DB Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK351DB Datasheet HTML 1Page - NXP Semiconductors PCK351DB Datasheet HTML 2Page - NXP Semiconductors PCK351DB Datasheet HTML 3Page - NXP Semiconductors PCK351DB Datasheet HTML 4Page - NXP Semiconductors PCK351DB Datasheet HTML 5Page - NXP Semiconductors PCK351DB Datasheet HTML 6Page - NXP Semiconductors PCK351DB Datasheet HTML 7Page - NXP Semiconductors PCK351DB Datasheet HTML 8Page - NXP Semiconductors PCK351DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Philips Semiconductors
PCK351
1:10 clock distribution device with 3-State outputs
Product data
Rev. 01 — 14 May 2002
3 of 17
9397 750 09791
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
SO24 pin configuration.
Fig 2.
SSOP24 pin configuration.
002aaa280
1
2
3
4
5
6
7
8
9
10
11
12
GND
Y10
VCC
Y9
OE
A
GND
GND
Y8
VCC
Y7
GND
GND
Y1
VCC
Y2
GND
Y3
Y4
GND
Y5
VCC
Y6
GND
24
23
22
21
20
19
18
17
16
15
14
13
002aaa281
1
2
3
4
5
6
7
8
9
10
11
12
GND
Y10
VCC
Y9
OE
A
GND
GND
Y8
VCC
Y7
GND
GND
Y1
VCC
Y2
GND
Y3
Y4
GND
Y5
VCC
Y6
GND
24
23
22
21
20
19
18
17
16
15
14
13
Table 3:
Pin description
Symbol
Pin
Description
GND
1, 7, 8, 12, 13, 17, 20, 24
ground (0 V)
Y10 to Y1
2, 4, 9, 11, 14, 16, 18, 19, 21, 23
outputs
VCC
3, 10, 15, 22
supply voltage
OE
5
output enable input (Active-LOW)
A
6
data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com