Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4SAW Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4SAW
Description  5-6 WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4SAW Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4SAW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4SAW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ........……………..................... 24V ..................... 9-36V
Efficiency .................................................................…..……... See Table
48V.................. 18-75V
Isolation Voltage ..........…........………………....……..…. 1500VDC min.
Input Surge Voltage (100 ms max.) …………...…….. 24V ……… 50VDC max.
Isolation Resistance .................................…...............……. 10
9 ohm min.
48V……. 100VDC max.
Isolation Capacitance …………………………………………... 50pF max.
Input Filter ………………………………………………..……..……... Capacitive
Switching Frequency ...........................…..................…….... 580KHz typ.
Remote On/Off control:
Operating Ambient Temperature ……………..…... -40℃ to +85℃
Module On …………………………… Open or high impedance
De-rating, Above 61℃ …… 3.3V/5V … Linearly to Zero power at 105℃
Module Off ………..………….……………………. 2mA to 4mA
De-rating, Above 65℃ …… 12V/15V … Linearly to Zero power at 105℃
Module Off (input idle current) ……..…………...… 2.5mA max.
Case Temperature (note 4) ……………………….…………. 105
max.
℃
OUTPUT SPECIFICATIONS:
Cooling ……………………….…………….…………. Natural Convection
Voltage Accuracy ............................................………................. ±1.5% max.
Storage Temperature ………………....….........…........ -55℃ to +125℃
Voltage Balance(Dual) …………………………………………….... ±1.0% max
Humidity …………………………………. 95% RH max. Non condensing
Transient Response: 25% Step Load Change
MTBF …. MIL-HDBK-217F, GB, 25
, Full Load …………
℃
1850Khrs typ.
Error Band …… ±5% Vout nominal, Recovery Time …….….. < 250µs
Dimensions …..…...........… 0.86x0.36x0.44 inches(21.8x9.2x11.1 mm)
Ripple & Noise, 20MHz BW .……………………………..... 100mV pk-pk max.
Case Material ……………………………… Non-Conductive Black Plastic
Temperature Coefficient ....................……….....….......…................ ±0.03%/°C
Weight …………………………………………….……………………... 4.8g
Short Circuit Protection .........................................................….…. Continuous
NOTE:
Line Regulation (note 1) .…….………………..….......................…. ±0.2% max.
1. Measured from high line to low line.
Load Regulation (note 2) ……..………… Single ..........…............ ±0.5% max.
2. Measured from full load to no load.
Dual ………………….. ±1.0% max.
3. For asymmetric loading, both channels must be at 25% load or more.
Cross regulation(Dual note 3) ………. Asymmetrical load 25%/100% .... ±5.0% max.
4. Maximum case temperature under any operating condition should
Current Limit ………………………………………………………….... 180% typ.
not be exceeded 105℃.
Start up time ……………………………………………………………. 15ms typ.
CASE SIP-8 DIMENSIONS:
Bottom View
PIN CONNECTION
Pin
Single
1
2
3
5
-V Input
+V Input
On/Off
NC
All Dimensions In Inches(mm)
X.XX±0.02 X.X±0.5
0.86 [21.8]
0.10 [2.5]
0.70 [17.8]
0.08 [2.0]
0.02 [0.5]
Pin
±0.002
±0.05
Tolerances : Inches
millimeters
6
7
8
+V Output
-V Output
1 2 3
5 6 7 8
NC
Dual
-V Input
+V Input
On/Off
NC
+V Output
Common
-V Output
Typical Derating curve for Natural Convection
-40
105
61
65
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
oC)
3.3&5Vout
12&15Vout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com