Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1781111 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1781111
Description  EMSTBVA 2,5/15-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1781111 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1781111 Datasheet HTML 1Page - PHOENIX CONTACT 1781111 Datasheet HTML 2Page - PHOENIX CONTACT 1781111 Datasheet HTML 3Page - PHOENIX CONTACT 1781111 Datasheet HTML 4Page - PHOENIX CONTACT 1781111 Datasheet HTML 5Page - PHOENIX CONTACT 1781111 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
EMSTBVA 2,5/15-G-5,08
Order No.: 1859645
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1859645
 
 
Header, Nominal current: 12 A, Nom. voltage: 200 V, Pitch: 5.08 mm,
Number of positions: 15, Color: green, Assembly: Press-in
 
Commercial data
EAN
4017918133061
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.0066 KG
Catalog page information
Page 247 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
71.12 mm
Number of positions
15
Pin dimensions
1,7 mm


Similar Part No. - 1781111

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1781111 PHOENIX-1781111 Datasheet
137Kb / 11P
Printed-circuit board connector - MSTBT 2,5/15-ST-5,08
More results

Similar Description - 1781111

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1877229 PHOENIX-1877229 Datasheet
40Kb / 2P
Accessories - EMSTBVA 2,5-SS-2-5,08
1859519 PHOENIX-1859519 Datasheet
132Kb / 9P
Base strip - EMSTBVA 2,5/ 2-G-5,08
1859548 PHOENIX-1859548 Datasheet
45Kb / 1P
EMSTBVA 2,5/ 5-G-5,08
1859564 PHOENIX-1859564 Datasheet
45Kb / 1P
EMSTBVA 2,5/ 7-G-5,08
1859580 PHOENIX-1859580 Datasheet
149Kb / 6P
EMSTBVA 2,5/ 9-G-5,08
1915958 PHOENIX-1915958 Datasheet
92Kb / 4P
Base strip - EMSTBVA 2,5/24-G-5,08
1859593 PHOENIX-1859593 Datasheet
140Kb / 10P
Base strip - EMSTBVA 2,5/10-G-5,08
1859616 PHOENIX-1859616 Datasheet
149Kb / 6P
EMSTBVA 2,5/12-G-5,08
1859629 PHOENIX-1859629 Datasheet
149Kb / 6P
EMSTBVA 2,5/13-G-5,08
1859632 PHOENIX-1859632 Datasheet
149Kb / 6P
EMSTBVA 2,5/14-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com