Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT45R Datasheet(PDF) 1 Page - TDK Electronics

Part # ACT45R
Description  Common mode filters Automotive signal line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45R Datasheet(HTML) 1 Page - TDK Electronics

  ACT45R Datasheet HTML 1Page - TDK Electronics ACT45R Datasheet HTML 2Page - TDK Electronics ACT45R Datasheet HTML 3Page - TDK Electronics ACT45R Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20181004
(1/4)
cmf_automotive_signal_act45r_en.fm
EMC Components
Common mode filters
Automotive signal line (for power train/safety)
ACT series
ACT45R type
FEATURES
Compatible with an operating temperature range of –40 to +150°C, so can be used for vehicle devices requiring compatibility with high
temperatures.
When mounting, the terminal and winding tape splicing part do not fuse.
Which uses our unique technology, is a product that can achieve DCR<2
@125deg.C by reducing the DC resistance while maintain-
ing a high L-value of 100uH.
Operating temperature range: –40 to +150°C
Compliant with AEC-Q200
APPLICATION
FlexRay system.
Application guides: Automotive (xEV), Car Infotainment
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
ACT45R
-
101
-
2P
-
TL
001
Series • type name
Inductance(typ.)
Number of lines
Packaging style
Internal code
(µH)
Common mode
impedance
[10MHz]
Common mode
inductance
[100kHz]
Stray
inductance
[100kHz]
DC
resistance
Rated
current
Insulation
resistance
Rated
voltage
Part No.
(
)min. ()typ.
(µH)+50/–30%
(µH)typ.
(
)max.
(A)max.
(M
)min.
(V)max.
2200
5500
100
0.2
1.5
0.2
10
50
ACT45R-101-2P-TL001
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
Common mode inductance
4294A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
AEC-Q200
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - ACT45R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45R TDK-ACT45R Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45R TDK-ACT45R Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45R-101-2P-TL001 TDK-ACT45R-101-2P-TL001_17 Datasheet
191Kb / 3P
Common Mode Filters / Chokes
More results

Similar Description - ACT45R

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
SIGNAL LINE FILTERS COMMON MODE CHOKES
logo
TDK Electronics
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
Common Mode Filters For general signal line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
ACT1210 TDK-ACT1210 Datasheet
211Kb / 4P
Common mode filters Automotive signal line
ACT1210G TDK-ACT1210G Datasheet
181Kb / 4P
Common mode filters Automotive signal line
ACT1210L-201 TDK-ACT1210L-201 Datasheet
197Kb / 4P
Common mode filters Automotive signal line
ACT1210E TDK-ACT1210E Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
ALC2012-900-2P-T00 TDK-ALC2012-900-2P-T00 Datasheet
147Kb / 3P
Signal Line Common Mode Chokes/Filters
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
Signal Line Common Mode Chokes/Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com