Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECLB40W Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # ECLB40W
Description  40 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ECLB40W Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  ECLB40W Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ECLB40W Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………..............…. 24VDC ................ 9 – 36VDC
Efficiency ............................................………..………............ See Table
48VDC ….……. 18 – 75VDC
Isolation Voltage ................... Input/Output ....……..….. 1500VDC min.
Input Surge Voltage (100ms max.) ………….. 24VDC ..…...... 50VDC max.
Input/Case, Output/Case ….. 1000VDC min.
48VDC ……... 100VDC max.
Isolation Resistance …..................…….………….………. 10
9 ohm min.
Under Voltage Lockout …………... 24Vin Power Up .……..……. 8.5VDC typ.
Isolation Capacitance ………. Input/Output …....……..…… 1500pF typ.
24Vin Power Down ….…….. 8.0VDC typ.
Input/Case …..……………. 1000pF typ.
48Vin Power Up ….….....….. 17VDC typ.
Output/Case ……........…… 1000pF typ.
48Vin Power Down ……....... 16VDC typ.
Switching Frequency ...............................……...................... 300KHz typ.
Input Filter ……………………………………..……….……………. PI Type
EMI/RFI ………………………………….…. Six-Sided Continuous Shield
Remote On/Off Control (note3)
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
OUTPUT SPECIFICATIONS:
De-rating, Above 60
……………..…. Linearly to Zero Power at +105
℃
℃
Voltage Accuracy ………………....………..……….......……...…… ±1.5% max.
Case Temperature (note4) …….…………………………….. 105℃ max.
Voltage Balance (Dual) …….…..…………………………….…….…. ±1% max.
Cooling ………………………………………………… Natural Convection
Transient Response: 75% - 100% Step Load Change
Storage Temperature Range ...……..........……....…....... -55
to +125
℃
℃
Error Band ……..… ±5% Vout nominal, Recovery Time ………….. <250us
Thermal Shutdown, Case Temp. .………….....................……. 110℃ typ.
Ripple & Noise, 20MHz BW (Measured with 1uF MLCC)
Humidity ................................................. 95% RH max. Non-Condensing
Vo=3.3 & 5V ……………………..………… 100mV pk-pk max.
MTBF … MIL-HDBK-217F, GB, 25
, Full Load …
℃
……… 1400Khrs typ.
Vo=12V&15V&±12V&±15V ………..…... 150mV pk-pk max.
Dimensions ................ 2.05 x 1.20 x 0.40 inches (52 x 30.5 x 10.2 mm)
Temperature Coefficient ....................….………...…..……….. ±0.02%/℃ max.
Case Material ………………….… Aluminum with Non-Conductive Base
Line Regulation (note1) .……..……. Single/Dual ......................…. ±0.2% max.
Weight ………………………………………………………………….. 36g
Load Regulation (note2) .……..…. Single/Dual ....................…. ±0.5% max.
NOTE :
Cross Regulation (Dual Output) Load Cross Variation 10%/100% ... ±5% max.
1. Measured from high line to low line.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
2. Measured from full load to min. load.
Current Limit ……………………………………. 110% - 165% Nominal Output
3. Logic compatibility … CMOS or open collector TTL, refer to –Vin.
Output Short Circuit Protection .............................. Continuous (Hiccup Mode)
Module on
…………….… >3.5VDC to 75VDC or open circuit
External Trim Adj. Range (Single Output Models Only) …..……….…….. ±10%
Module off ……………..………………….…………. 0 to <1.2VDC
Start Up Time ……………………………………………………………. 15ms typ.
4. Maximum case temperature under any operating condition should
not be exceeded 105℃.
SIZE LB Dimensions:
BOTTOM VIEW
Mounting lnserts
M2.5*0.45 Through 2pl.
All Dimensions in Inches[mm]
Tolerance
Inches:x.xx=±0.02 ,x.xxx=±0.010
Millimeters:x.x=±0.5 , x.xx=±0.25
0.04 6pl.
[1.0]
PIN CONNECTION
PIN
1
Single Output
Dual Output
+V Input
-V Input
+V Output
-V Output
Trim
+V Input
-V Input
+V Output
-V Output
Common
Remote On/Off
2
3
4
5
6
1.43
[36.4]
1.800
[45.72]
2.05
[52.0]
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
Typical Derating Curve
105
60
-40
0%
20%
40%
60%
80%
100%
120%
-40 -20
0
20
40
60
80 100 120
Ambient Temperature(oC)
Natural Convection
External Output Trimming
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com