Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECLB60W Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # ECLB60W
Description  60 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ECLB60W Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  ECLB60W Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ECLB60W Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwis
℃
e Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………..............…. 24VDC ................ 9 – 36VDC
Efficiency ............................................………..………............ See Table
48VDC ….……. 18 – 75VDC
Isolation Voltage ................ Input/Output ..........…..….….. 1500VDC min.
Input Surge Voltage (100ms max.) ………….. 24VDC ..…...... 50VDC max.
Input/Case, Output/Case ..... 1000VDC min
.
48VDC ……... 100VDC max.
Isolation Resistance …..................…….………….………. 10
9 ohm min.
Under Voltage Lockout …………... 24Vin Power Up .……..……. 8.5VDC typ.
Isolation Capacitance ……. Input/Output …..........……..…… 1500pF typ.
24Vin Power Down ….…….. 8.0VDC typ.
Input/Case, Output/Case ……... 1000pF typ.
48Vin Power Up ….….....….. 17VDC typ.
Switching Frequency .......... Single …. 245KHz typ, Dual … 300KHz typ.
48Vin Power Down ……....... 16VDC typ.
EMI/RFI ………………………………….…. Six-Sided Continuous Shield
Input Filter ……………………………………..……….……………. PI Type
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
Remote On/Off Control (note3)
De-rating, Above 45℃ (note5) …..…. Linearly to Zero Power at +105℃
OUTPUT SPECIFICATIONS:
Case Temperature (note5) …….…………………………….. 105℃ max.
Voltage Accuracy ………………....………..……….......……...…… ±1.5% max.
Cooling ………………………………………………… Natural Convection
Voltage Balance (Dual) …….…..…………………………….…….…. ±1% max.
Storage Temperature Range ...……..........……....…....... -55
to +125
℃
℃
Transient Response: 75% - 100% Step Load Change
Thermal Shutdown, Case Temp. .………….....................……. 110℃ typ.
Error Band ……..… ±5% Vout nominal, Recovery Time ……….. <250us
Humidity ................................................. 95% RH max. Non-Condensing
Ripple & Noise, 20MHz BW (Measured with 1uF MLCC)
MTBF .. MIL-HDBK-217F, GB, 25
, Full Load
℃
... Vo=3.3V 1116Khrs typ.
Vo=3.3 & 5V ……………………..…..…… 100mV pk-pk max.
Vo=5V 872Khrs typ., Vo=12V 930Khrs typ.,
Vo=15V 1230Khrs typ.
Vo=12V&15V&±12V&±15V ………..…... 150mV pk-pk max.
Vo=±12V 859Khrs typ., Vo=±15V 1063Khrs typ.
Temperature Coefficient ....................…………...…..……….. ±0.02%/℃ max.
Shock/Vibration ……………………..……………… Meet MIL-STD-810F
Line Regulation (note1) .……..……. Single/Dual .....................…. ±0.2% max.
Dimensions ....................... 2.05x1.20x0.40 inches (52.0x30.5x10.2 mm)
Load Regulation (note2) .……..…. Single/Dual ....................…. ±0.5% max.
Case Material ………………….… Aluminum with Non-Conductive Base
Cross Regulation (Dual Output) Load Cross Variation 10%/100% .. ±5% max.
Weight ………………………………………………………………….. 39g
Over Voltage Protection ……………………….………… Zener or TVS Clamp
NOTE :
Current Limit ……………………………………. 110% - 170% Nominal Output
1. Measured from high line to low line.
Output Short Circuit Protection .............................. Continuous (Hiccup Mode)
2. Measured from full load to min. load.
External Trim Adj. Range (Single Output Models Only) …..…….…….. ±10%
3. Logic compatibility … CMOS or open collector TTL, refer to –Vin.
Start Up Time …………………………………………………………. 30ms typ.
Module on
…………….… >3.5VDC to 75VDC or open circuit
Module off ………………..……………….………. 0 to < 1.2VDCt
4. Suffix "N" to the model number with negative logic remote on/off
Module on ………….…….……………………..…. 0 to < 1.2 VDC
Module off …………...…..….. >3.5VDC to 75VDC or open circuit
.
5. Maximum case temperature under any operating condition should
not be exceeded 105℃.
6. Refer application note Item 6.2.
SIZE LB Dimensions:
BOTTOM VIEW
Mounting lnserts
M2.5*0.45 Through 2pl.
All Dimensions in Inches[mm]
Tolerance
Inches:x.xx=±0.02 ,x.xxx=±0.010
Millimeters:x.x=±0.5 , x.xx=±0.25
0.04 6pl.
[1.0]
PIN CONNECTION
PIN
1
Single Output
Dual Output
+V Input
-V Input
+V Output
-V Output
Trim
+V Input
-V Input
+V Output
-V Output
Common
Remote On/Off
2
3
4
5
6
1.43
[36.4]
1.800
[45.72]
2.05
[52.0]
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
External Output Trimming
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
Derating Curve
Typical Derating Curve
105
45
-40
60
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(
oC)
Natural Convection
With Heatsink M-C655



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com