Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4BPI80 Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE2G4BPI80
Description  Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPI80 Datasheet(HTML) 2 Page - Silicom Ltd.

  PE2G4BPI80 Datasheet HTML 1Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 2Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 3Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 4Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 5Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Software Programmable mode (Bypass, Normal mode) at Power off
Independent Bypass operation in every two ports
Copper Gigabit Ethernet 1000Base-T :
Independently copper Gigabit Ethernet channels support four Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Performance Features:
PCI Express v2.0 ( 5GT/s) , X4
Intel I/O acceleration technology v3.0
Direct Cache Access
UDP, TCP and IP checksum offload
UDP and TCP transmit segmentation offload (TSO)
SCTP receive and transmit checksum offload
Virtualization Ready:
Queues per port: 8 TX and 8 RX queues
Support up to 8 VMs per port ( 1 queue allocated to each VM)
Technical Specifications
Bypass Specifications
WDT Interval (Software
Programmable):
3,276,800 mSec (3,276.8 Sec): Maximum
100 mSec ( 0.1 Sec) : Minimum
WDT Interval = (2^wdt_interval_parameter)*(0.1) sec.
wdt_interval_parameter: { Valid Range: 0-15}
Copper Gigabit Ethernet Technical Specifications
– (1000Base-T) Adapters:
IEEE Standard / Network
topology:
Gigabit Ethernet, 1000Base-T
Fast Ethernet, 100Base-TX
Ethernet, 10Base-T
Full duplex / Simplex:
Support both Simplex & Full duplex operation in all operating speeds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com