Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4SFPI80L-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # PE2G4SFPI80L-R
Description  Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4SFPI80L-R Datasheet(HTML) 4 Page - Silicom Ltd.

  PE2G4SFPI80L-R Datasheet HTML 1Page - Silicom Ltd. PE2G4SFPI80L-R Datasheet HTML 2Page - Silicom Ltd. PE2G4SFPI80L-R Datasheet HTML 3Page - Silicom Ltd. PE2G4SFPI80L-R Datasheet HTML 4Page - Silicom Ltd. PE2G4SFPI80L-R Datasheet HTML 5Page - Silicom Ltd. PE2G4SFPI80L-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Cables and Operating
distance:
Single-Mode: 5000m at 9um
Multimode fiber: 550m at 50 um
550m at 62.5 um
Optical Output Power:
Typical: -5.75 dBm
Minimum: -3 dBm
Optical Receive Sensitivity:
Typical: -25.57 dBm
Maximum: -19 dBm
Operating Systems Support
Operating system support:
Windows
Linux
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 2.0 (5 GTs)
Board Size:
167.64mm x 68.91mm (6.6”X2.713”)
PCI Express Card Type:
X4 Lane
PCI Express Voltage:
+12V +- 8%
PCI Express Connector:
Gold Finger: X4
Holder:
Metal Bracket: Full Height
Controller:
Intel 82580EB
I/O:
Small Form Factor Pluggable (SFP) Cage located on edge of the board
Weight:
100 gram (3.5275 oz)
Power Consumption:
5.88 W, 0.49 A at 12V: Typical all ports operate at 1000 BASE-LX
5.4 W, 0.45 A at 12V: No links in all ports operate with LX transceivers
4.8 W, 0.4A at 12V: Typical all ports operate at 1000 BASE-SX
4.56 W, 0.38 A at 12V: No links in all ports operate with SX transceivers
7.8 W, 0.65A at 12V: Typical all ports operate at 1000 BASE-T
3.84 W,0.32 A at 12V: No links in all ports operate at 1000 BASE-T
2.88 W,0.24A at 12V: Without transceivers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com