Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G6I35-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # PE2G6I35-R
Description  Six Port Copper Gigabit Ethernet PCI Express Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G6I35-R Datasheet(HTML) 3 Page - Silicom Ltd.

  PE2G6I35-R Datasheet HTML 1Page - Silicom Ltd. PE2G6I35-R Datasheet HTML 2Page - Silicom Ltd. PE2G6I35-R Datasheet HTML 3Page - Silicom Ltd. PE2G6I35-R Datasheet HTML 4Page - Silicom Ltd. PE2G6I35-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Full duplex / Simplex:
Support both Simplex & Full duplex operation in all operating speeds
Auto negotiation:
Auto-negotiation between Full duplex and simplex operations and between 10Mb/s 100Mb/s
speeds and duplex 1000Mb/s
Data Transfer Rate:
1000 Mb/s, 100 Mb/s and 10 Mb/sec in simplex mode per port
2000Mb/s 200 and 20 Mb/s in full duplex mode per port
Cables and Operating
distance:
10Base-T Category 3, 4, or 5 maximum 100m
100Base-Tx Category 5 maximum 100m
1000Base-T Category 5E maximum 100m
Operating Systems Support
Operating system support:
Linux
Windows
FreeBSD
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 2.1 ( 5 GTs)
Board Size:
Standard height short add-
in card: 167.64mm x 111.15mm (6.6”X 4.376”)
PCI Express Card Type:
X8 Lane / Gen2 5GTps
PCI Express Voltage:
+12V +/- 8%
PCI Connector:
Gold Finger: X8
Controller:
Intel i350AM4 and Intel i350AM2
Weight:
210 gram (7.408 oz)
Power Consumption:
10.2W, 0.85A at 12V: Typical all ports operate at 1000Mb/s.
8.04W, 0.67A at 12V: Typical all ports operate at 100Mb/s.
6.84W, 0.57A at 12V: Typical No link at all ports
Holder:
Metal Bracket: Full Height
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113°F)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com