Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3ISLBLL Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE3ISLBLL
Description  PCIe 3.0, x8 Crypto / Compression LBG Server Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE3ISLBLL Datasheet(HTML) 2 Page - Silicom Ltd.

  PE3ISLBLL Datasheet HTML 1Page - Silicom Ltd. PE3ISLBLL Datasheet HTML 2Page - Silicom Ltd. PE3ISLBLL Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
PCI Express X8 lanes
Support PCI Express Base Specification 3.0 (8 GTs)
System Acceleration Throughput
INTEL® C628 CHIPSET/
INTEL® C627 CHIPSET
INTEL® C626 CHIPSET
INTEL® C625 CHIPSET
SSL/IPSec
54Gbps (PCIe BW)
40Gbps
20Gbps
Compression Deflate
54Gbps (PCIe BW)
40Gbps
20Gbps
Decompression Deflate
54Gbps (PCIe BW)
54Gbps (PCIe BW)
54Gbps (PCIe BW)
RSA Decrypt 1k-bit
550K Ops/sec
550K Ops/sec
550K Ops/sec
RSA Decrypt 2k-bit
100K Ops/Sec
40K Ops/Sec
20K Ops/Sec
TLS Handshakes ECDH_RSA2K
440K Ops/sec
TLS Handshakes EDHE+ECDSA 51K Ops/sec
SSL/IPSec + Compression +
PKE
Total 120 Gbps +
100K Ops/sec
Technical Specifications
General Technical Specifications:
Interface Standard:
PCI-Express Base Specification Revision 3.0 (8 GTs)
Board Size:
Low profile short add-
in card: 167.64 mm X 64.389mm (6.600”X 2.535”)
PCI Express Card Type:
X8 Lane
PCI Express Voltage
+12V ± 8%
+3.3V ± 9%
There will not be an external Aux power input.
PCI Connector:
Gold Finger: X8
Controllers:
Intel® C628 Chipset
Intel® C627 Chipset
Intel® C626 Chipset
Intel® C625 Chipset
Weight:
170 gr (6.0 oz)
Power Consumption:
PE3ISLBTL
– 16.33W
PE3ISLBML
– 6.97W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com