Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWD485ESA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HWD485ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD485ESA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HWD485ESA Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD485ESA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
120
0
08
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
20
100
OUTPUT LOW VOLTAGE (V)
6
60
40
24
80
10
12
140
-120
0
-7
-5
-1
5
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
-20
-80
OUTPUT HIGH VOLTAGE (V)
-3
1
-60
3
-6
-4
-2
0
2
4
-100
-40
100
-40
-60
-20
40
100 120
HWD1487
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (°C)
20
60 80
500
200
600
400
0
0
140
HWD1487; DE = VCC, RE = X
HWD1487; DE = 0V, RE = X
100
-50
-25
50
100
HWD481/HWD485/HWD490/HWD491
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
HWD481/HWD485; DE = VCC, RE = X
HWD485; DE = 0, RE = X,
HWD481; DE = RE = 0
HWD490/HWD491; DE = RE = X
HWD481; DE = 0, RE = VCC
100
-50
-25
50
100
HWD483/HWD487–HWD489
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
HWD483; DE = VCC, RE = X
HWD487; DE = VCC, RE = X
HWD483/HWD487; DE = 0, RE = VCC
HWD483/HWD487; DE = RE = 0,
HWD488/HWD489; DE = RE = X
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com