Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4SFPI80-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # PE2G4SFPI80-R
Description  Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4SFPI80-R Datasheet(HTML) 3 Page - Silicom Ltd.

  PE2G4SFPI80-R Datasheet HTML 1Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 2Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 3Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 4Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 5Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
IEEE Standard / Network
topology:
with 1000Base-T SFP
Gigabit Ethernet (1000Mb/s only), 1000Base-T
IEEE Standard / Network
topology:
with 1000Base-SX SFP
Fiber Gigabit Ethernet, 1000Base-SX (850nM)
IEEE Standard / Network
topology:
with 1000Base-LX SFP
Fiber Gigabit Ethernet, 1000Base-LX (1310nM)
SFP Gigabit Ethernet Technical Specifications
– (SFP 1000Base-SX) Adapters:
IEEE Standard / Network
topology:
with 1000Base-SX SFP
Fiber Gigabit Ethernet, 1000Base-SX (850nM)
Cables and Operating
distance:
Multimode fiber:
220m at 62.5 um
550m at 50 um
Optical Output Power:
Minimum: -9 dBm
Optical Receive Sensitivity:
Maximum: -20 dBm
SFP Gigabit Ethernet Technical Specifications
– (SFP 1000Base-LX) Adapters:
IEEE Standard / Network
topology:
with 1000Base-LX SFP
Fiber Gigabit Ethernet, 1000Base-LX (1310nM)
Cables and Operating
distance:
Single-Mode: 5000m at 9um
Multimode fiber: 550m at 50 um
550m at 62.5 um
Optical Output Power:
Typical: -6.6 dBm
Minimum: -3 dBm
Optical Receive Sensitivity:
Typical: -26.8 dBm
Maximum: -20 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com