Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS12 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS12
Description  LOW POWER SCHOTTKY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS12 Datasheet(HTML) 2 Page - ON Semiconductor

  74LS12 Datasheet HTML 1Page - ON Semiconductor 74LS12 Datasheet HTML 2Page - ON Semiconductor 74LS12 Datasheet HTML 3Page - ON Semiconductor 74LS12 Datasheet HTML 4Page - ON Semiconductor 74LS12 Datasheet HTML 5Page - ON Semiconductor 74LS12 Datasheet HTML 6Page - ON Semiconductor 74LS12 Datasheet HTML 7Page - ON Semiconductor 74LS12 Datasheet HTML 8Page - ON Semiconductor 74LS12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74LS122 SN74LS123
http://onsemi.com
2
SN74LS122 (TOP VIEW)
(SEE NOTES 1 THRU 4)
SN74LS123 (TOP VIEW)
(SEE NOTES 1 THRU 4)
NOTES:
1. An external timing capacitor may be connected between Cext and Rext/Cext (positive).
2. To use the internal timing resistor of the LS122, connect Rint to VCC.
3. For improved pulse width accuracy connect an external resistor between Rext/Cext and VCC with Rint open-circuited.
4. To obtain variable pulse widths, connect an external variable resistance between Rint/Cext and VCC.
14
13
12
11
10
9
12345
6
8
7
VCC
Rext/
Cext
NC
Cext
NC
Rint
Q
A1
A2
B1
B2
CLR
Q
GND
CLR Q
Q
Rint
2
Rext/
Cext
1
Cext
1Rext/
Cext
14
13
12
11
10
9
12345
6
7
16
15
8
VCC
1A
1Q
2Q
2B
2
CLR
2A
1B
1
CLR
1Q
2Q
2
Cext
GND
Q
Q
Q
Q
CLR
CLR
NC — NO INTERNAL CONNECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com