Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  PC 4 HV/ 6-STF-7,62
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 2, 2012
Extract from the online
catalog
 
PC 4 HV/ 6-STF-7,62
Order No.: 1880119
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1880119
 
 
Plug component, Nominal current: 20 A, Rated voltage (III/2): 1000 V,
Number of positions: 6, Pitch: 7.62 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin
 
Commercial data
GTIN (EAN)
4
017918
325671
Note
Made-to-order
sales group
E512
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 369 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
02/11/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
19.7 mm
Pitch
7.62 mm
Dimension a
38.1 mm
Number of positions
6


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828252 PHOENIX-1828252 Datasheet
164Kb / 6P
PC 4/ 3-STF-7,62
1828281 PHOENIX-1828281 Datasheet
105Kb / 7P
Printed-circuit board connector - PC 4/ 6-STF-7,62
1880148 PHOENIX-1880148 Datasheet
80Kb / 5P
Printed-circuit board connector - PC 4 HV/ 9-STF-7,62
1880041 PHOENIX-1880041 Datasheet
145Kb / 5P
PC 4 HV/ 7-ST-7,62
1880083 PHOENIX-1880083 Datasheet
141Kb / 5P
PC 4 HV/11-ST-7,62
1880096 PHOENIX-1880096 Datasheet
141Kb / 5P
PC 4 HV/12-ST-7,62
1880135 PHOENIX-1880135 Datasheet
142Kb / 6P
PC 4 HV/ 8-STF-7,62
1880151 PHOENIX-1880151 Datasheet
142Kb / 6P
PC 4 HV/10-STF-7,62
1880164 PHOENIX-1880164 Datasheet
80Kb / 5P
Printed-circuit board connector - PC 4 HV/11-STF-7,62
1971507 PHOENIX-1971507 Datasheet
76Kb / 4P
Printed-circuit board connector - PC 4 HV/ 2-STF-SH-7,62
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com