Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12P Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-R12P
Description  1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12P Datasheet(HTML) 6 Page - STMicroelectronics

  GS-R12P Datasheet HTML 1Page - STMicroelectronics GS-R12P Datasheet HTML 2Page - STMicroelectronics GS-R12P Datasheet HTML 3Page - STMicroelectronics GS-R12P Datasheet HTML 4Page - STMicroelectronics GS-R12P Datasheet HTML 5Page - STMicroelectronics GS-R12P Datasheet HTML 6Page - STMicroelectronics GS-R12P Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GS-R12P
6/7
Loop compensation (GS-R12H(S)0001.5 only)
If required by particular load conditions, it is possible to change the feedback loop compensation, adding an ex-
ternal capacitor between pin 6 (FB) and pin 5 (Vout-c), which will act as speed up (see figure 2).
ADDITIONAL FEATURES AND PROTECTIONS
Feedback disconnection
In case of feedback disconnection, the duty cycle increases versus the maximum allowed value, bringing the
output voltage close to the input supply.
THis condition could destroy the load.
To avoid this dangerous condition, the device is turned off if the internal feedback pin remains floating.
Output overvoltage protection
The overvoltage protection, OVP, is realized by using an internal comparator, which input is connected to the
feedback, that turns off the power stage when the OVP threshold is reached.
This threshold is typically 30% higher than the feedback voltage.
Figure 1
Figure 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com