Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12P0001.5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS-R12P0001.5
Description  1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12P0001.5 Datasheet(HTML) 4 Page - STMicroelectronics

  GS-R12P0001.5 Datasheet HTML 1Page - STMicroelectronics GS-R12P0001.5 Datasheet HTML 2Page - STMicroelectronics GS-R12P0001.5 Datasheet HTML 3Page - STMicroelectronics GS-R12P0001.5 Datasheet HTML 4Page - STMicroelectronics GS-R12P0001.5 Datasheet HTML 5Page - STMicroelectronics GS-R12P0001.5 Datasheet HTML 6Page - STMicroelectronics GS-R12P0001.5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GS-R12P
4/7
PIN DESCRIPTION
ELECTRICAL CHARACTERISTICS All versions (Tamb=25)C, unless otherwise specified.)
ELECTRICAL CHARACTERISTICS for horizontal versions only (Tamb=25)C, unless otherwise specified.)
Pin
Function
Description
1
Input +
DC input voltage
2
Input/Output GND
Return for input/output voltage source
3Vout
Regulated power output
4
INH
A logical level (active high) disables the device, when it is open an internal pull
up disables the device
5Vout-c
Regulated output point for additional compensation
6
FB
Feedback input, available on adjustable device and on request for additional
compensation
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vr
Ripple Voltage
Vi =12V Io = 1.5A
35
mVpp
Temperature Stability
Vi =Vo + 1.5V Io = 1.5A
mV/°C
Io
Output Current
Vi =4.5 ÷ 16V
01.5
A
IoL
Current Limit
Vi =4.5 ÷ 16V
2.5
A
Iq
Quiescent Current
Vi =12V Io = 0A
1.8
2.5
mA
fs
Switching Frequency
Vi =12V Io = 1.5A
225
250
275
kHz
SRV
Supply Voltage Rejection
mV/V
Rth
Thermal Resistance
Case to ambient
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iqst-by
Total Stand-by Quiescent
Current
Vinh>2.2V Vi = 15V
50
100
µA
INH
INH Threshold Voltage
Device ON
0.8
V
Device OFF
2.2
V
VFB
Feedback Voltage
Vi =4.5 ÷ 15V Io = 0÷1.5A
1.22
1.235
1.25
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com