Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFS6045 Datasheet(PDF) 1 Page - TDK Electronics

Part # VFS6045
Description  Noise suppression filter For home appliances
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VFS6045 Datasheet(HTML) 1 Page - TDK Electronics

  VFS6045 Datasheet HTML 1Page - TDK Electronics VFS6045 Datasheet HTML 2Page - TDK Electronics VFS6045 Datasheet HTML 3Page - TDK Electronics VFS6045 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200805
(1/4)
suppression-filter_commercial_vfs6045_en.fm
EMC Components
Noise suppression filter
For home appliances (conductive noise countermeasure)
VFS series
VFS6045 type
FEATURES
A compact noise suppression component for home appliances that accommodates high currents.
High magnetic shield construction achieved by a ferrite magnetic material and compatible with high-density mounting.
Operating temperature range: –40 to +105°C (including self-temperature rise)
APPLICATION
Refrigerators, air conditioners, washing machines, vacuum cleaners, TV
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
VFS
6045
V
A
031
Series name
L×W×H dimensions
V: at 10MHz
S: at 1MHz
Internal code
Impedance
6.0×6.0×4.5 mm
(
)
Type
Impedance
DC resistance
Rated current
Part No.
(
 )Typ.
(
 )Min.
(
 )typ.
(
 )max.
(A)max.
6045VA
[at 10MHz]
57
30
0.012
0.0156
6.0
VFS6045VA031
145
120
0.019
0.0247
5.1
VFS6045VA121
242
200
0.023
0.0299
4.95
VFS6045VA201
468
300
0.036
0.0468
3.6
VFS6045VA301
1275
1000
0.075
0.0975
2.5
VFS6045VA102
6045SA
[at 1MHz]
188
150
0.175
0.2275
1.5
VFS6045SA151
552
450
0.47
0.611
0.9
VFS6045SA451
1232
1000
1.15
1.495
0.5
VFS6045SA102
Measurement item
Product No.
Manufacturer
Impedance
4294A
Keysight Technologies
DC resistance
34420A
Hewlett-Packard
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - VFS6045

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60A-BEPK01024 SICK-VFS60A-BEPK01024 Datasheet
2Mb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
VFS60A-BGPJ01024 SICK-VFS60A-BGPJ01024 Datasheet
2Mb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
VFS60A-BHPJ01024 SICK-VFS60A-BHPJ01024 Datasheet
2Mb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
VFS60A-BHPK01024 SICK-VFS60A-BHPK01024 Datasheet
2Mb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
VFS60A-BJPK01024 SICK-VFS60A-BJPK01024 Datasheet
2Mb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
More results

Similar Description - VFS6045

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
20A Power Relay For Home appliances
logo
TDK Electronics
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
Noise suppression filter
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
Noise suppression filter
MAF1005G TDK-MAF1005G Datasheet
231Kb / 5P
Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
Noise suppression filter
MHF1608 TDK-MHF1608 Datasheet
178Kb / 4P
Noise suppression filter For MF / HF band noise suppression
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com