Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS145 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS145
Description  1-of-10 Decoder / Drvier Open-Collector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS145 Datasheet(HTML) 2 Page - ON Semiconductor

  74LS145 Datasheet HTML 1Page - ON Semiconductor 74LS145 Datasheet HTML 2Page - ON Semiconductor 74LS145 Datasheet HTML 3Page - ON Semiconductor 74LS145 Datasheet HTML 4Page - ON Semiconductor 74LS145 Datasheet HTML 5Page - ON Semiconductor 74LS145 Datasheet HTML 6Page - ON Semiconductor 74LS145 Datasheet HTML 7Page - ON Semiconductor 74LS145 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS145
http://onsemi.com
2
CONNECTION DIAGRAM DIP (TOP VIEW)
BCD Inputs
Outputs
P0, P1, P2, P3
Q0 – Q9
0.5 U.L.
Open Collector
0.25 U.L.
15 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
VCC = PIN 16
GND = PIN 8
LOGIC SYMBOL
15 14 13 12
P0 P1 P2 P3
Q0 Q1 Q2 Q3 Q4
Q6 Q7 Q8 Q9
Q5
1234
5
6
7 9 10 11
14
13
12
11
10
9
1234
5
6
7
16
15
8
VCC
Q0
P0
P1
P2
P3
Q8
Q9
Q7
Q1
Q2
Q3
Q4
Q5
Q6 GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com