Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1900248 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1900248
Description  Base strip - EMSTB 2,5/19-GF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1900248 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1900248 Datasheet HTML 1Page - PHOENIX CONTACT 1900248 Datasheet HTML 2Page - PHOENIX CONTACT 1900248 Datasheet HTML 3Page - PHOENIX CONTACT 1900248 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1900248
10/13/2014   Page 1 / 4
Base strip - EMSTB 2,5/19-GF - 1900248
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 19, Pitch: 5 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
10.25 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Pitch
5 mm
Dimension a
90 mm
Pin dimensions
1,7 mm
Hole diameter
1.75 mm
General
Range of articles
EMSTB 2,5/..-GF
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V


Similar Part No. - 1900248

ManufacturerPart #DatasheetDescription
logo
Heyco.
19002 HEYCO-19002 Datasheet
152Kb / 2P
Snap Rivets
logo
MolexKits
19002-0001 MOLEXKITS-19002-0001 Datasheet
41Kb / 3P
Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
19002-0005 MOLEXKITS-19002-0005 Datasheet
38Kb / 2P
.187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
19002-0005 MOLEXKITS-19002-0005 Datasheet
41Kb / 3P
Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
19002-0024 MOLEXKITS-19002-0024 Datasheet
41Kb / 3P
Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
More results

Similar Description - 1900248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899786 PHOENIX-1899786 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/19-GF-5,08
1900109 PHOENIX-1900109 Datasheet
139Kb / 4P
Base strip - EMSTB 2,5/ 5-GF
1900112 PHOENIX-1900112 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 6-GF
1900125 PHOENIX-1900125 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 7-GF
1900138 PHOENIX-1900138 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 8-GF
1900154 PHOENIX-1900154 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/10-GF
1900167 PHOENIX-1900167 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/11-GF
1900170 PHOENIX-1900170 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/12-GF
1900196 PHOENIX-1900196 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/14-GF
1900235 PHOENIX-1900235 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/18-GF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com