Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS151 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS151
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS151 Datasheet(HTML) 2 Page - ON Semiconductor

  74LS151 Datasheet HTML 1Page - ON Semiconductor 74LS151 Datasheet HTML 2Page - ON Semiconductor 74LS151 Datasheet HTML 3Page - ON Semiconductor 74LS151 Datasheet HTML 4Page - ON Semiconductor 74LS151 Datasheet HTML 5Page - ON Semiconductor 74LS151 Datasheet HTML 6Page - ON Semiconductor 74LS151 Datasheet HTML 7Page - ON Semiconductor 74LS151 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS151
http://onsemi.com
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Select Inputs
Enable (Active LOW) Input
Multiplexer Inputs
Multiplexer Output
Complementary Multiplexer Output
S0 – S2
E
I0 – I7
Z
Z
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 5 U.L. for Commercial (74) Temperature Ranges.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
VCC = PIN 16
GND = PIN 8
LOGIC SYMBOL
11
10
9
65
74 3 2 1 15 14 13 12
EI0 I1 I2 I3 I4 I5 I6 I7
S0
S1
S2
Z
Z
14
13
12
11
10
9
12345
6
7
16
15
8
VCC
I3
I4
I5
I6
I7
S1
S0
S2
I2
I1
I0
ZZ
E
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com