Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT8331
23
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
9V to 16V Input, 135V Boost Converter
36V to 72V Input,120V Boost Converter
8331 TA03
D1: ROHM RB558VA150TR
L1: WURTH ELEKTRONIK WE-744 066 101
C1: MURATA GRM31CR71E106MA12L
C3: UNITED CHEMI-CON KTS251B105M55N0T00
R2
12.1k
R3
1M
R4
287k
C4
0.1µF
R5
154k
C2
1µF
VOUT = 135V
IN
SW1-2
EN/UVLO
LT8331
VIN
9V TO
16V
L1
100 H
R1
1M
4mA AT VIN = 9V
10mA AT VIN = 12V
17mA AT VIN = 16V
SYNC/MODE
GND
FBX
BIAS
SS
200kHz
C3
1µF
C1
10µF
V
RT
INTVCC
D1
8331 TA04
D1: ROHM RB558VA150TR
L1: WURTH ELEKTRONIK WE 744 066 101
C1: MURATA GRJ32DC72A475KE11L
C3: UNITED CHEMI-CON KTS251B105M55N0T00
R2
13.3k
R3
1M
R4
59k
C4
0.1µF
R5
63.4k
C2
1µF
VOUT = 120V
IN
SW1-2
EN/UVLO
LT8331
VIN
36V TO
72V
L1
100 H
R1
1M
55mA AT VIN = 36V
100mA AT VIN = 72V
SYNC/MODE
GND
FBX
BIAS
SS
450kHz
C3
1µF
C1
4.7µF
V
RT
INTVCC
D1
75mA AT VIN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com