Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2802 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2802
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2802 Datasheet(HTML) 3 Page - Analog Devices

  LTC2802 Datasheet HTML 1Page - Analog Devices LTC2802 Datasheet HTML 2Page - Analog Devices LTC2802 Datasheet HTML 3Page - Analog Devices LTC2802 Datasheet HTML 4Page - Analog Devices LTC2802 Datasheet HTML 5Page - Analog Devices LTC2802 Datasheet HTML 6Page - Analog Devices LTC2802 Datasheet HTML 7Page - Analog Devices LTC2802 Datasheet HTML 8Page - Analog Devices LTC2802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2873
3
REV B
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V, TE485 = VL, LB = 0V unless otherwise noted. (Notes 2, 6)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Supply Voltage Operating Range
l
3
5.5
V
VL
Logic Supply Voltage Operating Range
VL ≤ VCC
l
1.7
VCC
V
VCC Supply Current in Shutdown Mode
SHDN = 0V
l
8
30
µA
VCC Supply Current in RS232 Mode or
RS485 Mode, Driver and Receiver Enabled,
Termination Disabled
No Load, SHDN = TE485 = DE485/F232 = VL
RE485 = 0
l
4
9
mA
VCC Supply Current in RS485 Mode with
Receiver and Termination Enabled, Driver
Disabled
No Load, SHDN = 485/232 = VL
DE485/F232 = RE485 = TE485 = 0
l
4
9
mA
VL Supply Current in Any Mode
No Load
l
0
5
µA
Power Supply Generator
VDD
Regulated VDD Output Voltage
SHDN = VL, No Load
7.0
V
VEE
Regulated VEE Output Voltage
SHDN = VL, No Load
–
6.3
V
RS485 Driver
|VOD|
Differential Output Voltage
RL = Open, VCC = 3V (Figure 1)
RL = 27Ω, VCC = 4.5V (Figure 1)
RL = 27Ω, VCC = 3V (Figure 1)
RL = 50Ω, VCC = 3.13V (Figure 1)
l
l
l
l
2.1
1.5
2
VCC
VCC
VCC
V
V
V
V
∆|VOD|
Difference in Magnitude of Differential Output
Voltage for Complementary Output States
RL = 27Ω, VCC = 3V (Figure 1)
RL = 50Ω, VCC = 3.13V (Figure 1)
l
l
0.2
0.2
V
VOC
Common Mode Output Voltage
RL = 27Ω or 50Ω (Figure 1)
l
3
V
∆|VOC|
Difference in Magnitude of Common Mode Output
Voltage for Complementary Output States
RL = 27Ω or 50Ω (Figure 1)
l
0.2
V
IOSD485
Maximum Short-Circuit Current
–7V ≤ VOUT ≤ 12V (Figure 2)
l
±250
mA
RS485 Receiver
IIN485
Input Current (A/DO, B/RI)
(A/DO or B/RI) = 12V or –7V,
VCC = 0V or 3.3V (Figure 3)
l
–100
125
µA
RIN485
Input Resistance (A/DO, B/RI)
(A/DO or B/RI) = 12V or –7V,
VCC = 0V or 3.3V (Figure 3)
125
kΩ
Differential Input Signal Threshold
Voltage (A/DO to B/RI)
–7V ≤ (A/DO or B/RI) ≤ 12V
l
±200
mV
Input Hysteresis
B = 0V
220
mV
Differential Input Failsafe Rising Threshold Voltage –7V ≤ (A/DO or B/RI) ≤ 12V, (A/D0 – B/RI) Rising l
–200
–70
–20
mV
Input DC Failsafe Hysteresis
40
mV
VOL
Receiver Output Low Voltage
Output Low, I(RO) = 3mA (Sinking),
3V ≤ VL ≤ 5.5V
l
0.4
V
Output Low, I(RO) = 1mA (Sinking),
1.7V ≤ VL < 3V
l
0.4
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com