Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2885 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2885
Description  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices LTM2885 Datasheet HTML 11Page - Analog Devices LTM2885 Datasheet HTML 12Page - Analog Devices LTM2885 Datasheet HTML 13Page - Analog Devices LTM2885 Datasheet HTML 14Page - Analog Devices LTM2885 Datasheet HTML 15Page - Analog Devices LTM2885 Datasheet HTML 16Page - Analog Devices LTM2885 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC2862A
13
2862af
For more information www.linear.com/LTC2862A
applicaTions inForMaTion
Enhanced EOS Protection
The improved ESD protection of the LTC2862A also pro-
vides superior resistance to electrical overstress (EOS)
damageinthepresenceoflargefaultvoltagesappliedfrom
low impedance faults. The LTC2862A employs thyristor
type ESD protection on the A, B pins. While thyristors have
the low on-state impedance and high robustness needed
to achieve the very high levels of ESD protection of the
LTC2862A, they have the disadvantage of snapping back
to a low voltage conduction state after they have been
triggered by an initial voltage that exceeds ~±80V. In the
presence of a high voltage, high current fault source, the
large resulting currents will blow the bond wires inside
the LTC2862A package, resulting in a failed chip.
TheLTC2862Amitigatestheprobabilityofthistypeoffailure
by establishing a very high trigger current in addition to a
higher trigger voltage. In order to trigger the ESD cell, the
fault must not only exceed the ~±80V trigger voltage, but
must be able to source ~±500mA at that voltage to initiate
the snapback of the ESD cell. This makes the LTC2862A
muchlesssusceptibletosnapbackinducedfailurescreated
by high voltage noise spikes or voltage transients caused
by inductive overshoot when the A,B pins are shorted to a
fault voltage source. (The snapback characteristics of the
ESD protection are not tested during production.)
Driver
ThedriverprovidesfullRS485/RS422compatibility.When
enabled, if DI is high, A–B is positive. When the driver is
disabled, both transmitter outputs are high impedance,
and the impedance is dominated by the receiver input
resistance, RIN.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to any
voltage within the Absolute Maximum range of –60V to
60V. The maximum current in a fault condition is ±250mA.
The driver includes a progressive foldback current limiting
circuit that continuously reduces the driver current limit
with increasing output fault voltage. The fault current is
less than ±15mA for fault voltages over ±40V.
All devices also feature thermal shutdown protection that
disables the driver and receiver in case of excessive power
dissipation (see Note 4). (Thermal shutdown is not tested
during production.)
Full Failsafe Operation
Whentheabsolutevalueofthedifferentialvoltagebetween
the A and B pins is greater than 200mV with the receiver
enabled, the state of RO will reflect the polarity of (A–B).
These parts have a failsafe feature that guarantees the
receiveroutputwillbeinalogic1state(theidlestate)when
the inputs are shorted, left open, or terminated but not
driven. The delay allows normal data signals to transition
through the threshold region without being interpreted as
a failsafe condition. This failsafe feature is guaranteed to
work for inputs spanning the entire common mode range
of –25V to 25V.
Most competing devices achieve the failsafe function by a
simple negative offset of the input threshold voltage. This
causes the receiver to interpret a zero differential voltage
as a logic 1 state. The disadvantage of this approach is
the input offset can introduce duty cycle asymmetry at the
receiver output that becomes increasingly worse with low
input signal levels and slow input edge rates.
Other competing devices use internal biasing resistors to
create a positive bias at the receiver inputs in the absence
of an external signal. This type of failsafe biasing is
ineffectiveifthenetworklinesareshorted,orifthenetwork
is terminated but not driven by an active transmitter.
Figure 9. Duty Cycle of Balanced Receiver with ±200mV
10Mbps Input Signal
A, B
200mV/DIV
A–B
200mV/DIV
40ns/DIV
286A F08
RO
1.6V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com