Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS147 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LS147
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS147 Datasheet(HTML) 5 Page - ON Semiconductor

  74LS147 Datasheet HTML 1Page - ON Semiconductor 74LS147 Datasheet HTML 2Page - ON Semiconductor 74LS147 Datasheet HTML 3Page - ON Semiconductor 74LS147 Datasheet HTML 4Page - ON Semiconductor 74LS147 Datasheet HTML 5Page - ON Semiconductor 74LS147 Datasheet HTML 6Page - ON Semiconductor 74LS147 Datasheet HTML 7Page - ON Semiconductor 74LS147 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS147 SN74LS148
http://onsemi.com
5
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
SN74LS147
From
To
Limits
Symbol
From
(Input)
To
(Output)
Waveform
Min
Typ
Max
Unit
Test Conditions
tPLH
Any
Any
In-phase
12
18
ns
tPHL
Any
Any
output
12
18
ns
CL = 15 pF,
tPLH
Any
Any
Out-of-phase
21
33
ns
L
RL = 2.0 kΩ
tPHL
Any
Any
output
15
23
ns
SN74LS148
From
To
Limits
Symbol
From
(Input)
To
(Output)
Waveform
Min
Typ
Max
Unit
Test Conditions
tPLH
1 thru 7
A0 A1 or A2
In-phase
14
18
ns
tPHL
1 thru 7
A0, A1, or A2
output
15
25
ns
tPLH
1 thru 7
A0 A1 or A2
Out-of-phase
20
36
ns
tPHL
1 thru 7
A0, A1, or A2
output
16
29
ns
tPLH
0 thru 7
EO
Out-of-phase
7.0
18
ns
tPHL
0 thru 7
EO
output
25
40
ns
C
15 F
tPLH
0 thru 7
GS
In-phase
35
55
ns
CL = 15 pF,
RL = 2.0 kΩ
tPHL
0 thru 7
GS
output
9.0
21
ns
RL
2.0 k
Ω
tPLH
EI
A0 A1 or A2
In-phase
16
25
ns
tPHL
EI
A0, A1, or A2
output
12
25
ns
tPLH
EI
GS
In-phase
12
17
ns
tPHL
EI
GS
output
14
36
ns
tPLH
In-phase
12
21
tPHL
EI
EO
In- hase
output
28
30
40
45
ns
(LS148)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com