Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS153M Datasheet(PDF) 3 Page - ON Semiconductor

Part # SN74LS153M
Description  Dual 4-Input Multiplexer LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS153M Datasheet(HTML) 3 Page - ON Semiconductor

  SN74LS153M Datasheet HTML 1Page - ON Semiconductor SN74LS153M Datasheet HTML 2Page - ON Semiconductor SN74LS153M Datasheet HTML 3Page - ON Semiconductor SN74LS153M Datasheet HTML 4Page - ON Semiconductor SN74LS153M Datasheet HTML 5Page - ON Semiconductor SN74LS153M Datasheet HTML 6Page - ON Semiconductor SN74LS153M Datasheet HTML 7Page - ON Semiconductor SN74LS153M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74LS153
http://onsemi.com
3
LOGIC DIAGRAM
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
Ea I0a
I1a
I2a
I3a S1
S0 I0b
I1b
I2b
I3b Eb
Za
Zb
14
12
6
7
3
4
5
9
11
12
10
13
15
FUNCTIONAL DESCRIPTION
The LS153 is a Dual 4-input Multiplexer fabricated with
Low Power, Schottky barrier diode process for high speed.
It can select two bits of data from up to four sources under
the control of the common Select Inputs (S0, S1). The two
4-input multiplexer circuits have individual active LOW
Enables (Ea, Eb) which can be used to strobe the outputs
independently. When the Enables (Ea, Eb) are HIGH, the
corresponding outputs (Za, Zb) are forced LOW.
The LS153 is the logic implementation of a 2-pole,
4-position switch, where the position of the switch is
determined by the logic levels supplied to the two Select
Inputs. The logic equations for the outputs are shown below.
Za = Ea ⋅ (I0a ⋅ S1 ⋅ S0 + I1a ⋅ S1 ⋅ S0 + I2a ⋅ S1 ⋅ S0 +
I3a ⋅ S1 ⋅ S0)
Zb = Eb ⋅ (I0b ⋅ S1 ⋅ S0 + I1b ⋅ S1 ⋅ S0 + I2b ⋅ S1 ⋅ S0 +
I3b ⋅ S1 ⋅ S0)
The LS153 can be used to move data from a group of
registers to a common output bus. The particular register
from which the data came would be determined by the state
of the Select Inputs. A less obvious application is a function
generator. The LS153 can generate two functions of three
variables. This is useful for implementing highly irregular
random logic.
TRUTH TABLE
SELECT INPUTS
INPUTS (a or b)
OUTPUT
S0
S1
E
I0
I1
I2
I3
Z
X
X
H
X
X
X
X
L
L
LL
L
XXX
L
L
LL
H
XXX
H
H
LL
X
LX
X
L
H
LL
X
HX
X
H
L
HL
X
XLX
L
L
HL
X
XHX
H
H
HL
X
XX
L
L
H
H
L
X
X
X
H
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com