Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS166D Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS166D
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS166D Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS166D Datasheet HTML 1Page - ON Semiconductor SN74LS166D Datasheet HTML 2Page - ON Semiconductor SN74LS166D Datasheet HTML 3Page - ON Semiconductor SN74LS166D Datasheet HTML 4Page - ON Semiconductor SN74LS166D Datasheet HTML 5Page - ON Semiconductor SN74LS166D Datasheet HTML 6Page - ON Semiconductor SN74LS166D Datasheet HTML 7Page - ON Semiconductor SN74LS166D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS166/D
SN74LS166
8-Bit Shift Registers
The SN74LS166 is an 8-Bit Shift Register. Designed with all inputs
buffered, the drive requirements are lowered to one 74LS standard
load. By utilizing input clamping diodes, switching transients are
minimized and system design simplified.
The LS166 is a parallel-in or serial-in, serial-out shift register and
has a complexity of 77 equivalent gates with gated clock inputs and an
overriding clear input. The shift/load input establishes the parallel-in
or serial-in mode. When high, this input enables the serial data input
and couples the eight flip-flops for serial shifting with each clock
pulse. Synchronous loading occurs on the next clock pulse when this is
low and the parallel data inputs are enabled. Serial data flow is
inhibited during parallel loading. Clocking is done on the low-to-high
level edge of the clock pulse via a two input positive NOR gate, which
permits one input to be used as a clock enable or clock inhibit function.
Clocking is inhibited when either of the clock inputs are held high,
holding either input low enables the other clock input. This will allow
the system clock to be free running and the register stopped on
command with the other clock input. A change from low-to-high on
the clock inhibit input should only be done when the clock input is
high. A buffered direct clear input overrides all other inputs, including
the clock, and sets all flip-flops to zero.
• Synchronous Load
• Direct Overriding Clear
• Parallel to Serial Conversion
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS166N
16 Pin DIP
2000 Units/Box
SN74LS166D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - SN74LS166D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS166D MOTOROLA-SN74LS166D Datasheet
106Kb / 4P
8-BIT SHIFT REGISTERS
More results

Similar Description - SN74LS166D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com