Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW2N60A5-R Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW2N60A5-R
Description  2A 600V N-channel enhanced field effect transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW2N60A5-R Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW2N60A5-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N60A5-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N60A5-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N60A5-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N60A5-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
N-CHANNEL MOSFET
2N60A
3 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
源-漏二极管特性参数:(除非特殊说明,TC=25°C)
参数名称
测试条件
符号
最小值
典型值
最大值
单位
源极电流
MOS管中源极、漏极构成的
反偏P-N结
IS
-
-
2
A
源极脉冲电流(注2)
ISM
-
-
8
A
源-漏二极管压降
ISD =2 A
VSD
-
-
1.4
V
反向恢复时间(注2)
ISD = 2A, VGS = 0 V,
dIF / dt = 100 A/μs
trr
-
410
-
nS
反向恢复电荷(注2)
Qrr
-
1.2
-
uC
(注:)
1.
脉冲测试:脉冲宽度≦300uS,占空比≦2%;
2.
基本上不受工作温度的影响。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com