Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2SB Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC2SB
Description  10 WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC2SB Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC2SB Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC2SB Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V18
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………...............………. 5V ..................... 4.7 - 9V
Efficiency ...........................................………..………............ See Table
12V .................. 9 - 18V
Isolation Voltage .................................……..………......... 1500 VDC min.
24V ………..... 18 – 36V
Isolation Resistance .....................…….….………….……… 10
9 ohm min.
48V …….…..... 36 – 75V
Isolation Capacitance …………………..………………..…… 1000pF typ.
Under voltage lockout …………. 5Vin power up: 4.4V, …... power down: 4.2V
Switching Frequency ............................……...................... 350KHz typ.
12Vin power up: 8.8V, ...…. power down: 8V
EMI/RFI ….… (Standard) …. Conductive EMI Meets EN55022 Class A
24Vin power up: 17V, …... power down: 16V
Operating Ambient Temperature Range .....…...…….... -40℃ to +85℃
48Vin power up: 34V, …... power down: 32V
Derating, Above 71℃ (note7) …..…. Linearly to Zero Power at +105℃
Input Surge Voltage (100mS max.) …... EC2SB-05Sxx/05Dxx …. 12Vdc max.
Case Temperature (note4) …………………………………….. 105℃ max.
EC2SB-12Sxx/12Dxx ... 25Vdc max.
Cooling ………………………………………………… Natural Convection
EC2SB-24Sxx/24Dxx .... 50Vdc max.
Storage Temperature Range ...…............……....…....... -55℃ to +125℃
EC2SB-48Sxx/48Dxx .. 100Vdc max.
Humidity ……………………………..…… 95% RH max. Non condensing
Input Filter ………………………………..…….…… Standard …………. PI Type
MTBF …… MIL-HDBK-217-F, GB, 25℃, Full Load ……… 1200Khrs typ.
SMD ………….... LC Type
Dimensions ..... Standard .... 1.00x1.00x0.4 inches (25.4x25.4x10.2 mm)
Positive Logic Remote on/off Control:
SMD ……. 1.00x1.00x0.36 inches (25.4x25.4x9.2 mm)
Logic Compatibility ……………………….. CMOS or Open Collector TTL
Case Material ……..… Black Coated Copper with Non-Conductive Base
Module On ……………………….. >+5.5V to 75VDC or Open Circuit
Weight …………………………………………………..………………. 18g
Module Off ……….…….…………………….……………. 0 to <1.2VDC
NOTE:
OUTPUT SPECIFICATIONS:
1. Measured from high line to low line.
Voltage Accuracy ………………....……………….......…………… ±1.5% max.
2. Measured from full load to min. load.
Voltage Balance (Dual) …….…………………………………….…. ±2.0% max.
3. The output ripple and noise is measured with 10uF tantalum and 1uF
Transient Response: 25% Step Load Change ............….....……..… <500us.
ceramic capacitor across output.
Ripple and Noise, 20MHz BW (note3) ………………...…… 50mV pk-pk max.
4. Maximum case temperature under any operating condition should
SMD …….. 100mV pk-pk max.
not be exceeded 105℃.
Temperature Coefficient ....................….………...…..……….. ±0.03%/℃ max.
5. Suffix ”S” to the model number with SMD packages.
Short Circuit Protection ...................…....…………………..……….. Continuous
6. Suffix”+K-C087” type with heat sink.
Line Regulation (note1) ..………..…… Single …………..…….... ±0.2% max.
7. Others Model refer to application note.
SMD ………………........ ±0.3% max.
Dual …..………..….....… ±0.5% max.
Load Regulation (note2) ………….…... Single ..………..….......... ±0.2% max.
SMD …………………..... ±0.5% max.
Dual …………………..… ±1.0% max.
Cross Regulation (Dual output) Load cross variation 10%/100% …. ±5% max.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
External Trim Adj. Range (single output models only) ………………….. ±10%
Current Limit ……………………………………. 110% - 140% Nominal Output
Start up time …………………………………..……………..……… 20ms max.
SIZE SB Dimensions:
BOTTOM
VIEW
1
2
5
4
3
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.40
[10.2]
0.22
[5.6]
min.
Tolerances Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches (mm)
6
0.300
[7.62]
0.300
[7.60]
0.200
[5.10]
1.00
[25.4]
0.40
[10.2]
0.40
[10.2]
0.40
[10.2]
0.10
[2.5]
BOTTOM
VIEW
3
0.22
[5.6]
0.81
[20.5]
Suffix "+K-C087" Type
min.
4
5
6
2
1
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Trim
-V Output
Function
6
Remote
Single
Dual
+Input
-Input
+V Output
Common
-V Output
Remote
THROUGH-HOLE PACKAGE
SMD- PACKAGE
NOTE:Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
TOP
VIEW
1.00
[25.4]
1.00
[25.4]
0.800
[20.32]
1
2
6
3
4
5
2-0.400
[10.16]
0.015
[0.38]
0.055
[1.40]
0.110
[2.79]
0.020
[0.50]
1.22
[30.99]
0.10
[2.54]
0.100
[2.54]
0.40
[10.2]
0.36
[9.2]
EC2SB-12S05 Derating curve for Natural Convec tion
-40
105
76 81
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
o C)
without Heat Sink
with Heat Sink
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com