Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3AB Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3AB
Description  3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3AB Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3AB Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3AB Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V15
1
︳
EC3AB SERIES
3 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 3W Isolated Output
* DIP-24/SMD Package
* Efficiency to 80%
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* Meets EN55022 Class B, Conducted
* Remote On/Off (Option)
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF.
CASE
EC3AB11
9-18 VDC
5 VDC
600 mA
7.5 mA
329 mA
76
DIP-24
EC3AB12
9-18 VDC
12 VDC
250 mA
7.5 mA
316 mA
79
DIP-24
EC3AB13
9-18 VDC
15 VDC
200 mA
7.5 mA
321 mA
78
DIP-24
EC3AB14
9-18 VDC
±5 VDC
±300 mA
12 mA
329 mA
76
DIP-24
EC3AB15
9-18 VDC
±12 VDC
±125 mA
12 mA
325 mA
77
DIP-24
EC3AB16
9-18 VDC
±15 VDC
±100 mA
12 mA
329 mA
76
DIP-24
EC3AB17
9-18 VDC
3.3 VDC
600 mA
7.5 mA
229 mA
72
DIP-24
EC3AB21
18-36 VDC
5 VDC
600 mA
5 mA
162 mA
77
DIP-24
EC3AB22
18-36 VDC
12 VDC
250 mA
5 mA
156 mA
80
DIP-24
EC3AB23
18-36 VDC
15 VDC
200 mA
5 mA
156 mA
80
DIP-24
EC3AB24
18-36 VDC
±5 VDC
±300 mA
7.5 mA
164 mA
76
DIP-24
EC3AB25
18-36 VDC
±12 VDC
±125 mA
7.5 mA
156 mA
80
DIP-24
EC3AB26
18-36 VDC
±15 VDC
±100 mA
7.5 mA
162 mA
77
DIP-24
EC3AB27
18-36 VDC
3.3 VDC
600 mA
5 mA
111 mA
74
DIP-24
EC3AB31
36-72 VDC
5 VDC
600 mA
2 mA
81 mA
77
DIP-24
EC3AB32
36-72 VDC
12 VDC
250 mA
2 mA
81 mA
77
DIP-24
EC3AB33
36-72 VDC
15 VDC
200 mA
2 mA
81 mA
77
DIP-24
EC3AB34
36-72 VDC
±5 VDC
±300 mA
3 mA
80 mA
78
DIP-24
EC3AB35
36-72 VDC
±12 VDC
±125 mA
3 mA
82 mA
76
DIP-24
EC3AB36
36-72 VDC
±15 VDC
±100 mA
3 mA
82 mA
76
DIP-24
EC3AB37
36-72 VDC
3.3 VDC
600 mA
3 mA
58 mA
71
DIP-24


Similar Part No. - EC3AB

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB12 RSG-EC3AB12 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB13 RSG-EC3AB13 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB14 RSG-EC3AB14 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB15 RSG-EC3AB15 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results

Similar Description - EC3AB

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAL-3S1205 TRUMPOWER-TAL-3S1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7C CINCON-EC7C Datasheet
192Kb / 2P
40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com