Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW6N60A5-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW6N60A5-R
Description  6A 600V N-channel enhanced field effect transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW6N60A5-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW6N60A5-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW6N60A5-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW6N60A5-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW6N60A5-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW6N60A5-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW6N60A5-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW6N60A5-R Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-CHANNEL MOSFET
6N60A
1 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
6A 600V N沟道增强型场效应管
主要参数:
ID
6A
VDSS
600V
RDSON-typ(@VGS=10V)
1.4Ω
性能特点:
开关速度快
低导通电阻
低反向传输电容
低栅极电荷量
100%单脉冲雪崩能量测试
提升了dv/dt能力
机械性能:
注塑成型封装
适用任何位置安装
封装材料符合UL 94V-0燃烧防火等级标准
加工焊接峰值最高温度 275°C ;时间丌大于 10s
封装形式: TO-220AB, TO-220F, TO-263, TO-252, TO-251
G.栅极 D.漏极 S.源极
产品规格分类:
产品料号
封装形式
产品印字
包装方式
YFW6N60A1
TO-220AB
6N60AT
50PCS每管
YFW6N60A2
TO-220F(0.5mm)
6N60AF
50PCS每管
YFW6N60A3
TO-263
6N60AS
50PCS每管
YFW6N60A3-R
TO-263
6N60AS
800PCS每盘
YFW6N60A4
TO-251
6N60AMJ
75PCS每管
YFW6N60A5-R
TO-252
6N60AD
2500PCS每盘


Similar Part No. - YFW6N60A5-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW6N65A1 YFWDIODE-YFW6N65A1 Datasheet
1Mb / 7P
6A 650V N-channel enhancement mode field effect transistor
YFW6N65A2 YFWDIODE-YFW6N65A2 Datasheet
1Mb / 7P
6A 650V N-channel enhancement mode field effect transistor
YFW6N65A3 YFWDIODE-YFW6N65A3 Datasheet
1Mb / 7P
6A 650V N-channel enhancement mode field effect transistor
YFW6N65A3-R YFWDIODE-YFW6N65A3-R Datasheet
1Mb / 7P
6A 650V N-channel enhancement mode field effect transistor
YFW6N65A4 YFWDIODE-YFW6N65A4 Datasheet
1Mb / 7P
6A 650V N-channel enhancement mode field effect transistor
More results

Similar Description - YFW6N60A5-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
1N60A YFWDIODE-1N60A Datasheet
788Kb / 5P
1A 600V N-channel enhanced field effect transistor
2N60A YFWDIODE-2N60A Datasheet
760Kb / 5P
2A 600V N-channel enhanced field effect transistor
4N60A YFWDIODE-4N60A Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
5N60A YFWDIODE-5N60A Datasheet
1Mb / 7P
5A 600V N-channel enhanced field effect transistor
7N60A YFWDIODE-7N60A Datasheet
1Mb / 7P
7A 600V N-channel enhanced field effect transistor
10N60A YFWDIODE-10N60A Datasheet
962Kb / 6P
10A 600V N-channel enhanced field effect transistor
10N60B YFWDIODE-10N60B Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
12N60A YFWDIODE-12N60A Datasheet
885Kb / 5P
12A 600V N-channel enhanced field effect transistor
20N60A YFWDIODE-20N60A Datasheet
833Kb / 6P
20A 600V N-channel enhanced field effect transistor
35N60A YFWDIODE-35N60A Datasheet
851Kb / 5P
35A 600V N-channel enhanced field effect transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com