Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW8N50A5-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW8N50A5-R
Description  8A 500V N-channel enhanced field effect transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW8N50A5-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW8N50A5-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW8N50A5-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW8N50A5-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW8N50A5-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW8N50A5-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW8N50A5-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW8N50A5-R Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-CHANNEL MOSFET
8N50A
1 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
8A 500V N沟道增强型场效应管
主要参数:
ID
8A
VDSS
500V
RDSON-typ(@VGS=10V)
0.63Ω
性能特点:
开关速度快
低导通电阻
低反向传输电容
低栅极电荷量
100%单脉冲雪崩能量测试
提升了dv/dt能力
机械性能:
注塑成型封装
适用任何位置安装
封装材料符合UL 94V-0燃烧防火等级标准
加工焊接峰值最高温度 275°C ;时间丌大于 10s
封装形式: TO-220AB, TO-220F, TO-263, TO-252, TO-251
G.栅极 D.漏极 S.源极
产品规格分类:
产品料号
封装形式
产品印字
包装方式
YFW8N50A1
TO-220AB
8N50AT
50PCS每管
YFW8N50A2
TO-220F(0.5mm)
8N50AF
50PCS每管
YFW8N50A3
TO-263
8N50AS
50PCS每管
YFW8N50A3-R
TO-263
8N50AS
800PCS每盘
YFW8N50A4
TO-251
8N50AMJ
75PCS每管
YFW8N50A5-R
TO-252
8N50AD
2500PCS每盘


Similar Part No. - YFW8N50A5-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW8N60A1 YFWDIODE-YFW8N60A1 Datasheet
930Kb / 6P
8A 600V N亦잓걪罌욃성?뗥쑛?덂틪嶸
YFW8N60A2 YFWDIODE-YFW8N60A2 Datasheet
930Kb / 6P
8A 600V N亦잓걪罌욃성?뗥쑛?덂틪嶸
YFW8N60A3 YFWDIODE-YFW8N60A3 Datasheet
930Kb / 6P
8A 600V N亦잓걪罌욃성?뗥쑛?덂틪嶸
YFW8N60A3-R YFWDIODE-YFW8N60A3-R Datasheet
930Kb / 6P
8A 600V N亦잓걪罌욃성?뗥쑛?덂틪嶸
YFW8N65A1 YFWDIODE-YFW8N65A1 Datasheet
997Kb / 7P
8A 650V N-channel enhancement mode field effect transistor
More results

Similar Description - YFW8N50A5-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5N50A YFWDIODE-5N50A Datasheet
1Mb / 7P
5A 500V N-channel enhanced field effect transistor
9N50B YFWDIODE-9N50B Datasheet
765Kb / 5P
9A 500V N-channel enhanced field effect transistor
10N50A YFWDIODE-10N50A Datasheet
949Kb / 6P
10A 500V N-channel enhanced field effect transistor
10N50B YFWDIODE-10N50B Datasheet
949Kb / 6P
10A 500V N-channel enhanced field effect transistor
13N50A YFWDIODE-13N50A Datasheet
849Kb / 5P
13A 500V N-channel enhanced field effect transistor
16N50A YFWDIODE-16N50A Datasheet
900Kb / 6P
16A 500V N-channel enhanced field effect transistor
20N50A YFWDIODE-20N50A Datasheet
888Kb / 6P
20A 500V N-channel enhanced field effect transistor
25N50A YFWDIODE-25N50A Datasheet
978Kb / 6P
25A 500V N-channel enhanced field effect transistor
28N50A YFWDIODE-28N50A Datasheet
932Kb / 5P
28A 500V N-channel enhanced field effect transistor
45N50A YFWDIODE-45N50A Datasheet
889Kb / 5P
45A 500V N-channel enhanced field effect transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com