Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SA Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3SA
Description  3 WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SA Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3SA Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SA Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V18
1
︳
EC3SA SERIES
3 WATT WIDE INPUT
DC-DC
CONVERTERS
FEATURES
* 3W Isolated Output
* Compact SIP-8 Package
* Efficiency to 86%
* 2:1 Input Range
* Regulated Outputs
* Remote On/Off Control
* 1500VDC Isolation
* Continuous Short Circuit Protection
* Under Voltage Protection
* CE Mark Meets 2004/108/EC
* Safety Meets UL60950-1, EN60950-1, and IEC60950-1
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
% EFF.
CAPACITOR
LOAD MAX.
EC3SA-05S33N
4.5-9.0 VDC
3.3 VDC
0 mA
700 mA
60 mA
632 mA
73
700uF
EC3SA-05S05N
4.5-9.0 VDC
5 VDC
0 mA
600 mA
60 mA
769 mA
78
600uF
EC3SA-05S12N
4.5-9.0 VDC
12 VDC
0 mA
250 mA
60 mA
759 mA
81
250uF
EC3SA-05S15N
4.5-9.0 VDC
15 VDC
0 mA
200 mA
60 mA
741 mA
81
200uF
EC3SA-05D05N
4.5-9.0 VDC
±5 VDC
±0 mA
±300 mA
60 mA
769 mA
78
300uF
EC3SA-05D12N
4.5-9.0 VDC
±12 VDC
±0 mA
±125 mA
60 mA
741 mA
81
125uF
EC3SA-05D15N
4.5-9.0 VDC
±15 VDC
±0 mA
±100 mA
60 mA
741 mA
81
100uF
EC3SA-12S33N
9-18 VDC
3.3 VDC
0 mA
700 mA
30 mA
253 mA
76
700uF
EC3SA-12S05N
9-18 VDC
5 VDC
0 mA
600 mA
30 mA
309 mA
81
600uF
EC3SA-12S12N
9-18 VDC
12 VDC
0 mA
250 mA
30 mA
301 mA
83
250uF
EC3SA-12S15N
9-18 VDC
15 VDC
0 mA
200 mA
30 mA
298 mA
84
200uF
EC3SA-12D05N
9-18 VDC
±5 VDC
±0 mA
±300 mA
30 mA
305 mA
82
300uF
EC3SA-12D12N
9-18 VDC
±12 VDC
±0 mA
±125 mA
30 mA
301 mA
83
125uF
EC3SA-12D15N
9-18 VDC
±15 VDC
±0 mA
±100 mA
30 mA
298 mA
84
100uF
EC3SA-24S33N
18-36 VDC
3.3 VDC
0 mA
700 mA
18 mA
125 mA
77
700uF
EC3SA-24S05N
18-36 VDC
5 VDC
0 mA
600 mA
18 mA
154 mA
81
600uF
EC3SA-24S12N
18-36 VDC
12 VDC
0 mA
250 mA
18 mA
149 mA
84
250uF
EC3SA-24S15N
18-36 VDC
15 VDC
0 mA
200 mA
18 mA
147 mA
85
200uF
EC3SA-24D05N
18-36 VDC
±5 VDC
±0 mA
±300 mA
18 mA
156 mA
80
300uF
EC3SA-24D12N
18-36 VDC
±12 VDC
±0 mA
±125 mA
18 mA
149 mA
84
125uF
EC3SA-24D15N
18-36 VDC
±15 VDC
±0 mA
±100 mA
18 mA
147 mA
85
100uF
EC3SA-48S33N
36-75 VDC
3.3 VDC
0 mA
700 mA
9 mA
63mA
77
700uF
EC3SA-48S05N
36-75 VDC
5 VDC
0 mA
600 mA
9 mA
77 mA
81
600uF
EC3SA-48S12N
36-75 VDC
12 VDC
0 mA
250 mA
9 mA
73 mA
86
250uF
EC3SA-48S15N
36-75 VDC
15 VDC
0 mA
200 mA
9 mA
73 mA
86
200uF
EC3SA-48D05N
36-75 VDC
±5 VDC
±0 mA
±300 mA
9 mA
77 mA
81
300uF
EC3SA-48D12N
36-75 VDC
±12 VDC
±0 mA
±125 mA
9 mA
73 mA
86
125uF
EC3SA-48D15N
36-75 VDC
±15 VDC
±0 mA
±100 mA
9 mA
73 mA
86
100uF
NOTE: 1. Nominal Input Voltage 5, 12, 24 or 48VDC


Similar Part No. - EC3SA

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
logo
RSG Electronic Componen...
EC3SA-05D05 RSG-EC3SA-05D05 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
EC3SA-05D12 RSG-EC3SA-05D12 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
EC3SA-05D15 RSG-EC3SA-05D15 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
EC3SA-05S05 RSG-EC3SA-05S05 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
More results

Similar Description - EC3SA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3A01 RSG-EC3A01 Datasheet
671Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC5SAW-24S33N CINCON-EC5SAW-24S33N Datasheet
240Kb / 2P
10 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com