Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4A Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4A
Description  5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4A Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V27
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....…………..........….... 12V ................................ 9-18V
Efficiency ................................................................................. See Table
24V ............................. 18-36V
Isolation Voltage:
48V .............................. 36-72V
500 VDC min. ………….…………………………… Standard Models
Input Surge Voltage (100ms max.) ……….… 12V …….……........ 25Vdc max.
3K VDC min. ... (Non-Conductive Black Plastic Only) …… Suffix “H” Models
24V ....................... 50Vdc max.
1.5K VDC min. ………….………………………… Suffix “HM” Models
48V ..................... 100Vdc max.
Isolation Resistance .....................................................…… 10
9 ohm min.
Input Filter ………………………………………………….…….……..... Pi Type
Switching Frequency .......................................................... 100KHz min.
OUTPUT SPECIFICATIONS:
Operating Ambient Temperature Range .......................... -25℃ to +71℃
Voltage Accuracy .......................................................................... ±2.0% max.
Power de-rating Curve ……………………………………….. see Figure1
Voltage Balance (Dual) .................................................................. ±1.0% max.
Case Temperature (note4) … Plastic/Copper case... 95℃/100℃ max.
Temperature Coefficient …………………………………………… ±0.05%/℃
Cooling ……………………………………………….. Natural Convection
Ripple & Noise, 20MHz BW …………..…. 3.3V/5V ….…… 100mV pk-pk, max
Storage Temperature Range ………....….......……........ -40℃ to +100℃
12V/15V ………… 1% pk-pk max.
Humidity .................................................. 95% RH max. Non condensing
Short Circuit Protection ……………………………………………… Continuous
MTBF ………. MIL-STD-217F ..……..……………………… 2000Khrs typ.
Line Regulation ………… Single/Dual (note1) ….….…………. ±0.5% max.
Dimensions …….. DIP….. 1.25×0.80x0.40 inches(31.8x20.3×10.2 mm)
Load Regulation …….… Single (note2) ..….…......……….... ±0.5% max.
SMD … 1.25×0.80x0.45 inches(31.8x20.3×11.4 mm)
Dual (note3) ……….………………… ±1.0% max.
Case Material:
NOTE:
Standard Models ………….…………… Non-Conductive Black Plastic
1. Measured From High Line to Low Line.
Suffix “M” Models ….. Black Coated Copper with Non-conductive Base
2. Measured From Full Load to 10% Load.
Suffix “S” Models …….……………………...…………… SMD package
3. Measured From Full Load to 1/4 Load.
Weight …………………………………………………………………... 12.5g
4. Maximum case temperature under any operating condition should
not be exceed 95℃(Plastic Case),100℃(Copper Case).
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single Output
Dual Output
1,24
2,23
3,22
10,15
11,14
12,13
+V Input
NC
NC
-V Output
+V Output
-V Input
+V Input
-V Output
-V Input
Common
Common
+V Output
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02 ±0.002 Inch (0.5±0.05 mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
9
4
20,21
CASE AS
TOP
VIEW
DIP
SMD
NP
NC
NP
NC
NP
NC
DIP
SMD
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
NP
NC
NP
NC
NP
NC
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
16
NP
NC
NP
NC
5
NP
NC
NP
NC
Figure1.Typical Derating curve for Natural Convection
95
71
-25
100
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Plastic Case
Copper Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com