Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4AB11 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4AB11
Description  5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4AB11 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4AB11 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4AB11 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
︳
EC4AB SERIES
5-6 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 5-6W Isolated Output
* DIP-24/SMD Package
* Efficiency to 84%
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* Meets EN55022 Class B, Conducted
* Remote ON/OFF (Option)
NOTE: 1.Nominal Input voltage 12, 24 or 48 VDC
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF.
CASE
EC4AB01
9-18VDC
5VDC
1000 mA
7.5 mA
548 mA
76
DIP-24
EC4AB02
9-18VDC
12VDC
470 mA
7.5 mA
588 mA
80
DIP-24
EC4AB03
9-18VDC
15VDC
400 mA
7.5 mA
617 mA
81
DIP-24
EC4AB04
9-18VDC
±12VDC
±230 mA
12 mA
568 mA
81
DIP-24
EC4AB05
9-18VDC
±15VDC
±190 mA
12 mA
586 mA
81
DIP-24
EC4AB06
9-18VDC
±5VDC
±500 mA
12 mA
548 mA
76
DIP-24
EC4AB07
9-18VDC
3.3VDC
1000 mA
7.5 mA
382 mA
72
DIP-24
EC4AB11
18-36VDC
5VDC
1000 mA
5 mA
264 mA
79
DIP-24
EC4AB12
18-36VDC
12VDC
470 mA
5 mA
283 mA
83
DIP-24
EC4AB13
18-36VDC
15VDC
400 mA
5 mA
298 mA
84
DIP-24
EC4AB14
18-36VDC
±12VDC
±230 mA
7.5 mA
284 mA
81
DIP-24
EC4AB15
18-36VDC
±15VDC
±190 mA
7.5 mA
290 mA
82
DIP-24
EC4AB16
18-36VDC
±5VDC
±500 mA
7.5 mA
264 mA
79
DIP-24
EC4AB17
18-36VDC
3.3VDC
1000 mA
5 mA
188 mA
73
DIP-24
EC4AB21
36-72VDC
5VDC
1000 mA
2 mA
132 mA
79
DIP-24
EC4AB22
36-72VDC
12VDC
470 mA
2 mA
143 mA
82
DIP-24
EC4AB23
36-72VDC
15VDC
400 mA
2 mA
154 mA
81
DIP-24
EC4AB24
36-72VDC
±12VDC
±230 mA
3 mA
142 mA
81
DIP-24
EC4AB25
36-72VDC
±15VDC
±190 mA
3 mA
148 mA
80
DIP-24
EC4AB26
36-72VDC
±5VDC
±500 mA
3 mA
132 mA
79
DIP-24
EC4AB27
36-72VDC
3.3VDC
1000 mA
3 mA
94 mA
73
DIP-24


Similar Part No. - EC4AB11

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4A CINCON-EC4A Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01 ETC2-EC4A01 Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A01 ETC2-EC4A01 Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A01 ETC2-EC4A01 Datasheet
187Kb / 3P
5-6WATT 2 1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC4AB11

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TA2S-3S123.3 TRUMPOWER-TA2S-3S123.3 Datasheet
68Kb / 1P
DC/DC CONVERTERS SMD, 2:1 Input, 5-6 Watt
logo
List of Unclassifed Man...
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A CINCON-EC4A Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com