Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4AW07 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4AW07
Description  3.3-6 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4AW07 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4AW07 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4AW07 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V25
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
ISOLATION VOLTAGE:
Input Voltage Range ....……………..........….......... 24V …...................... 9-36V
1.5K VDC min. ………..………………… Standard or Suffix “HM” Models
48V ....................... 18-72V
3K VDC min. (note4) …………………………………… Suffix “H” Models
Input Filter ………………………………………………….…….……..... Pi Type
CASE MATERIAL:
OUTPUT SPECIFICATIONS:
Standard Models …………….…………… Non-Conductive Black Plastic
Voltage Accuracy .......................................................................... ±2.0% max.
Suffix “HM” Models (note5) ……….. Black Coated Copper with Non-conductive Base
Voltage Balance (Dual) .................................................................. ±1.0% max.
NOTE:
Temperature Coefficient …………………………………………… ±0.05%/℃
1. Measured from high line to low line.
Ripple & Noise, 20MHz BW ………………………...…..…… 100mV pk-pk max.
2. Measured from full load to 10% load.
Short Circuit Protection ……………………………………………… Continuous
3. Measured from full load to 1/4 load.
Line Regulation Single/Dual (note1) …….………………….........…±0.5% max.
4. Non-conductive black plastic only.
Load Regulation Single (note2) ……..……….…….......……….... ±0.5% max.
5. Suffix “S” to the model number with SMD packages.
Dual (note3) ….……………....…………………±1.0% max.
6. Maximum case temperature under any operating condition should
Start up time ……………………………………………………………. 30 ms typ.
not be exceeded 100℃
GENERAL SPECIFICATIONS:
Efficiency .......................................................................................... See Table
Isolation Resistance .............................................................…… 10
9 ohm min.
Switching Frequency .............................................................. 200KHz min.
Operating Ambient Temperature Range .................................. -40℃ to +85℃
De-rating, Above 71℃ …………….. …….… Linearly to Zero power at 100℃
Case Temperature………………………..................................... 100℃ max
Cooling ……………………………………………….. Natural Convection
Storage Temperature Range ………………..….......……........ -40℃ to +100℃
Dimensions …… DIP …..…...… 1.25x0.80x0.40 inches(31.8x20.3x10.2 mm)
SMD …..….… 1.25x0.80x0.45 inches(31.8x20.3x11.4 mm)
Weight …………………………………………………………………... 12.5g
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
CASE AS
TOP
VIEW
PIN CONNECTION
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm) DIA
Typical Derating curve for Natural Convection
100
-40
71
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com