Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5A Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC5A
Description  6-24WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5A Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC5A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.cincon.com/
REVISION: May 30, 2013 V14
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
NOTE:
Input Voltage Range ....……………..........….......... 5.0V ....................... 4.7-6V
1. Measured from high line to low line.
12V ......................... 9-32V
2. Measured from full load to 10% load.
24V ....................... 16-32V
3. Suffix “S” to the model number with SMD packages.
24V ....................... 19-32V
4. Maximum case temperature under any operating condition should
Input Filter ………………………………………………….…….……..... LC Type
not be exceeded 100
.
℃
OUTPUT SPECIFICATIONS:
Voltage Accuracy .......................................................................... ±2.0% max.
Temperature Coefficient ………………………………………..…… ±0.05%/℃
Ripple & Noise, 20MHz BW ………… 3.3V/5V ……..…… 100mV pk-pk max.
12V/15V ……….……. 1% pk-pk max.
Over Current Protection …………………………….……………… 120 ~ 160%
Line Regulation (note1) …………………………………….........…±0.5% max.
Load Regulation (note2) …………..………….…….......……….... ±0.5% max.
GENERAL SPECIFICATIONS:
Efficiency .......................................................................................... See Table
Switching Frequency .................................................................. 150KHz typ.
Isolation Voltage (Input/Output) …………………………………… Non-Isolation
Operating Ambient Temperature Range .................................. -25
to +71
℃
℃
De-rating, Above 71
…………………… Linearly to Zero power at 100
℃
℃
Case Temperature (note4) ……………........................................ 100
max.
℃
Cooling ……………………………………………….. Natural Convection
Storage Temperature Range ………....….......……........ -40
to +100
℃
℃
Dimensions …… DIP ….……..… 1.25x0.80x0.40 inches(31.8x20.3x10.2 mm)
SMD …..…..… 1.25x0.80x0.45 inches(31.8x20.3x11.4 mm)
Weight …………………………………………………………..…………... 17.8g
Case Material …………Black Coated Copper with Non-conductive Base
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
VIEW
TOP
CASE AS
PIN CONNECTION
Pin
Function
1,24
2,3
10,15
11,14
12,13
-V Input
+V Output
9,16
22,23
+V Input
4,5
20,21
DIP
SMD
NP
NC
NP
NC
NP
NC
-V Output
NC
NP
NC
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm)DIA
Typical Derating curve for Natural Convection
100
71
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com