Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5BU Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC5BU
Description  15 WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5BU Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC5BU Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5BU Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V25
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………...............………. 12V ….............. 9 - 18V
Efficiency ...........................................………..………............ See Table
24V ….…….... 18 – 36V
Isolation Voltage .................................……..………......... 1500 VDC min.
48V ….…….... 36 – 75V
Isolation Resistance .....................…….…………...……… 10
9 ohm min.
Under Voltage Lockout …….…. 12Vin power up: 8.4V ……. power down: 8V
Isolation Capacitance …………………..………………..…… 1000pF typ.
24Vin power up: 17V ........ power down: 16V
Switching Frequency ............................……......................... 350KHz typ.
48Vin power up: 34V ……. power down: 32V
EMI/RFI ……….……...…….…. Conductive EMI Meets EN55022 Class A
Input Surge Voltage (100mS max.) … 12Vin ……………………. 25Vdc max.
Case Grounding …..……. Connect Case to -Vin with Decoupling Y Cap
24Vin ……………………. 50Vdc max.
Operating Ambient Temperature Range ...……...…….... -40
to +85
℃
℃
48Vin ……………….… 100Vdc max.
Derating, Above 78
……………..…. Linearly to Zero Power at +10
℃
5℃
Input Filter …………………………….……..……….………….…………. Pi Type
Case Temperature (note4) ….……………………………………….. 105℃
OUTPUT SPECIFICATIONS:
Cooling ………………………………………………… Natural Convection
Voltage Accuracy …………………...……………….......…….…… ±1.5% max.
Storage Temperature Range ...…............……....…....... -55
to +125
℃
℃
Voltage Balance (Dual) …….……………………………………..…. ±2.0% max.
Humidity ……..……………………..…… 95% RH max. Non condensing
Transient Response: 25% Step Load Change ............…........……… <500µs
MTBF …… MIL-STD-217-F, GB, 25℃, Full Load ……… 1200Khrs typ.
Ripple & Noise, 20MHz BW (Measured with 0.1uF MLCC) …...… 100mV pk-pk max.
Dimensions ...................….. 2.00x1.00x0.4 inches (50.8x25.4x10.2 mm)
Temperature Coefficient ....................….......………...…..……….. ±0.03%/℃
Case Material ……..… Black Coated Copper with Non-Conductive Base
Short Circuit Protection ...................…....…………………..……….. Continuous
Weight ……………………………………………………………………. 35g
Line Regulation (note1) ..………….……... Single ….……………... ±0.2% max.
NOTE:
Dual ….…................… ±0.5% max.
1. Measured from high line to low line.
Load Regulation (note2) …….…………… Single ……………….... ±0.2% max.
2. Measured from full load to min. load.
Dual …….................… ±1.0% max.
3. Maximum case temperature under any operating condition should
Cross Regulation (Dual output) Load cross variation 10%/100% …. ±5% max.
Not be exceeded 105℃.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
Current Limit ……………………………………. 110% - 140% Nominal Output
Start up time …………………………………………………..……… 20ms max.
OPTION:
1. Suffix ”T” to the model number with remote positive on/off control:
Logic Compatibility ….. CMOS or Open Collector TTL, Referenced to -Vin
Module on ………………..……… >5.5VDC to 75VDC or open circuit
Module off ……………………………………………….…………. <1.2VDC
2. Suffix “A” to the model number with output voltage adjustable
external trim adj. range≦±10%, single output models only.
CASE B Dimensions:
BOTTOM
VIEW
1
2
5
4
3
min
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
All Dimensions In Inches (mm)
6
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
0.40
[10.2]
0.200
[5.08]
0.300
[7.62]
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.22
[5.6]
0.40
[10.2]
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Common/NP/Trim(Option)
-V Output
Function
*NP-NO PIN ON SINGLE OUTPUT
6
NP/Remote(Option)
Typical Derating curve for Natural Convection
78
-40
73
105
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(oC)
OTHERS
XXD05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com