Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4BE13 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4BE13
Description  10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4BE13 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4BE13 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4BE13 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....…………….... 12V ……………………….…..….. 9-18V
Efficiency ................................................................................. See Table
24V …………………………… 18-36V
Isolation Voltage ............................................................... 500 VDC min
48V …………………….…..…. 36-72V
Isolation Resistance .................................…….….....…… 10
9 ohm min.
Input Surge Voltage (100ms max.) ………….….… 12V …............. 25Vdc max.
Isolation Capacitance ……………………………..…………. 2500pF typ.
24V ................ 50Vdc max.
Switching Frequency ........................................................... 200KHz min.
48V .............. 100Vdc max.
Operating Ambient Temperature Range …..................... –25℃ to +71℃
Input Filter ………………..……………………………….……………..... Pi Type
De-rating, Above 71℃ ………………… Linearly to Zero power at 100℃
OUTPUT SPECIFICATIONS:
Case Temperature (note4) ……............................................ 100℃ max.
Voltage Accuracy ………………....…………….….......….………… ±1.0% max.
Cooling ……………………………………………….. Natural Convection
Voltage Balance (Dual) …………………………………..………… ±1.0% max.
Storage Temperature Range ………….…....…………... –40℃ to +100℃
Transient Response
Humidity .................................................. 95% RH max. Non condensing
Single 25% Step Load Change ………………….….……….……………<500us
MTBF …… MIL-STD-217F, GB, 25℃, Full Load ………… 1400Khrs typ.
Dual FL-1/2L±1% Error Band …………….………....………………….. <500us
EMI/RFI ………………………………………. Six sided Continuous Shield
Ripple and Noise, 20MHz BW ………………………….….. 100mV pk-pk max.
Dimensions …………….… 2.00x1.00x0.40 inches (50.8x25.4x10.2 mm)
Temperature Coefficient …………………………...........……….. ±0.02%/°C
Case Material …….… Black Coated Copper with Non-Conductive Base
Short Circuit Protection …………………………………….……….. Continuous
Weight ……………..……………….…………………………………….. 33g
Line Regulation (note1) …......................................................…… ±0.2% max.
Load Regulation (note2) ...………………………………......…...... ±1.0% max.
Start up time …………………………………….…12Vin, 24Vin ..….. 60ms typ.
48Vin .................. 28ms typ.
NOTE:
1. Measured from high line to low line.
2. Measured from full load to 1/4 load.
3. A Minimum load on the output is necessary to maintain regulation.
4. Maximum case temperature under any operating condition should
not be exceeded 100℃.
Case B Dimensions:
BOTTOM
VIEW
1
2
5
4
3
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.40
[10.2]
0.22
[5.6]
min
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
All Dimensions In Inches (mm)
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+Output
Common/NP
-Output
Function
*NP-NO PIN ON SINGLE OUTPUT
Typical Derating curve for Natural Convection
100
71
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com