Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS221 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS221
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS221 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS221 Datasheet HTML 1Page - ON Semiconductor SN74LS221 Datasheet HTML 2Page - ON Semiconductor SN74LS221 Datasheet HTML 3Page - ON Semiconductor SN74LS221 Datasheet HTML 4Page - ON Semiconductor SN74LS221 Datasheet HTML 5Page - ON Semiconductor SN74LS221 Datasheet HTML 6Page - ON Semiconductor SN74LS221 Datasheet HTML 7Page - ON Semiconductor SN74LS221 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS221/D
SN74LS221
Dual Monostable
Multivibrators with
Schmitt-Trigger Inputs
Each multivibrator of the LS221 features a negative-transition-
triggered input and a positive-transition-triggered input either of
which can be used as an inhibit input.
Pulse triggering occurs at a voltage level and is not related to the
transition time of the input pulse. Schmitt-trigger input circuitry for B
input allows jitter-free triggering for inputs as slow as 1 volt / second,
providing the circuit with excellent noise immunity. A high immunity
to VCC noise is also provided by internal latching circuitry.
Once triggered, the outputs are independent of further transitions of
the inputs and are a function of the timing components. The output
pulses can be terminated by the overriding clear. Input pulse width
may be of any duration relative to the output pulse width. Output pulse
width may be varied from 35 nanoseconds to a maximum of 70 s by
choosing appropriate timing components. With Rext = 2.0 kΩ and Cext
= 0, a typical output pulse of 30 nanoseconds is achieved. Output rise
and fall times are independent of pulse length.
Pulse width stability is achieved through internal compensation and
is virtually independent of VCC and temperature. In most applications,
pulse stability will only be limited by the accuracy of external timing
components.
Jitter-free operation is maintained over the full temperature and VCC
ranges for greater than six decades of timing capacitance (10 pF to 10
µF), and greater than one decade of timing resistance (2.0 to 100 kΩ
for the SN74LS221). Pulse width is defined by the relationship:
tw(out) = CextRext ln 2.0
≈ 0.7 C
ext Rext; where tW is in ns if Cext is in
pF and Rext is in kΩ. If pulse cutoff is not critical, capacitance up to
1000
µF and resistance as low as 1.4 kΩ may be used. The range of
jitter-free pulse widths is extended if VCC is 5.0 V and 25°C
temperature.
• SN74LS221 is a Dual Highly Stable One-Shot
• Overriding Clear Terminates Output Pulse
• Pin Out is Identical to SN74LS123
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS221N
16 Pin DIP
2000 Units/Box
SN74LS221D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - SN74LS221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS221 TI-SN74LS221 Datasheet
208Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
761Kb / 25P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
902Kb / 26P
DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN74LS221D MOTOROLA-SN74LS221D Datasheet
193Kb / 7P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LS221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS42 ONSEMI-SN74LS42 Datasheet
107Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com