Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1948721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1948721
Description  Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08-RF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1948721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1948721 Datasheet HTML 1Page - PHOENIX CONTACT 1948721 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1948721
06/24/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08-RF - 1948721
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Number of positions: 3, Pitch: 5.08 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin, Article with self-locking flange
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
6.48 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
General
Range of articles
MSTB 2,5/..-ST-RF
Insulating material group
l
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Inflammability class according to UL 94
V0
Number of positions
3
Screw thread
M3
Connection data
Conductor cross section solid min.
0.2 mm²


Similar Part No. - 1948721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1948734 PHOENIX-1948734 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST-5,08-RF
1948747 PHOENIX-1948747 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08-RF
1948750 PHOENIX-1948750 Datasheet
88Kb / 2P
MSTB 2,5/ 6-ST-5,08-RF
logo
Weidmuller
1948760000 WEIDMULLER-1948760000 Datasheet
252Kb / 3P
S2L 3.50/06/90G 2.6AU OR BX SO
logo
PHOENIX CONTACT
1948776 PHOENIX-1948776 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST-5,08-RF
More results

Similar Description - 1948721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849396 PHOENIX-1849396 Datasheet
138Kb / 5P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 ABGYAU
1702836 PHOENIX-1702836 Datasheet
448Kb / 16P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 PA1,3
1703379 PHOENIX-1703379 Datasheet
448Kb / 16P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 RD
1763922 PHOENIX-1763922 Datasheet
47Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 GY
1946370 PHOENIX-1946370 Datasheet
46Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 3-ST-RF
1948734 PHOENIX-1948734 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST-5,08-RF
1948747 PHOENIX-1948747 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08-RF
1948776 PHOENIX-1948776 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-ST-5,08-RF
1958960 PHOENIX-1958960 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 GYWH
1808899 PHOENIX-1808899 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08-LR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com