Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC6C02 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC6C02
Description  25 - 30WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC6C02 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC6C02 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC6C02 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳EC6CSERIES
25 - 30WATT 2:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 25-30W Isolated Output
* 2” X 2” Six-Sided Shield Metal Case
* 2:1 Input Range
* Regulated Outputs
* Efficiency to 88%
* Remote ON/OFF Control
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
NOTE: 1. Nominal Input Voltage 12, 24 or 48VDC
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT CURRENT
INPUT CURRENT
%
EFF.
CAPACITOR
LOAD MAX.
MIN.
MAX.
NO LOAD FULL LOAD
EC6C01
9-18VDC
5VDC
0mA
5000 mA
30 mA
2675 mA 84
5000uF
EC6C02
9-18VDC
12VDC
0mA
2500 mA
30 mA
3050 mA 88
2500uF
EC6C03
9-18VDC
15VDC
0mA
2000 mA
30 mA
3050 mA 88
2000uF
EC6C04
9-18VDC
±5VDC
±0mA
±2500 mA
35 mA
2675 mA 83
2500uF
EC6C05
9-18VDC
±12VDC
±0mA
±1250 mA
35 mA
3050 mA 88
1250uF
EC6C06
9-18VDC
±15VDC
±0mA
±1000 mA
35 mA
3050 mA 87
1000uF
EC6C07
9-18VDC
5/±12VDC 500/±100 mA 3500/±310 mA
35 mA
2640 mA 81
3500/310uF
EC6C08
9-18VDC
5/±15VDC 500/±100 mA 3500/±250 mA
35 mA
2640 mA 82
3500/250uF
EC6C09
9-18VDC
3.3VDC
0mA
5000 mA
30 mA
1860 mA 80
5000uF
EC6C11
18-36VDC
5VDC
0mA
5000 mA
30 mA
1336 mA 83
5000uF
EC6C12
18-36VDC
12VDC
0mA
2500 mA
30 mA
1525 mA 87
2500uF
EC6C13
18-36VDC
15VDC
0mA
2000 mA
30 mA
1525 mA 87
2000uF
EC6C14
18-36VDC
±5VDC
±0mA
±2500 mA
30 mA
1336 mA 82
2500uF
EC6C15
18-36VDC
±12VDC
±0mA
±1250 mA
30 mA
1470 mA 87
1250uF
EC6C16
18-36VDC
±15VDC
±0mA
±1000 mA
30 mA
1470 mA 86
1000uF
EC6C17
18-36VDC
5/±12VDC 500/±100 mA 3500/±310 mA
30 mA
1320 mA 82
3500/310uF
EC6C18
18-36VDC
5/±15VDC 500/±100 mA 3500/±250 mA
30 mA
1320 mA 82
3500/250uF
EC6C19
18-36VDC
3.3VDC
0mA
5000 mA
30 mA
920 mA 79
5000uF
EC6C21
36-72VDC
5VDC
0mA
5000 mA
20 mA
660 mA 83
5000uF
EC6C22
36-72VDC
12VDC
0mA
2500 mA
20 mA
765 mA 87
2500uF
EC6C23
36-72VDC
15VDC
0mA
2000 mA
20 mA
765 mA 87
2000uF
EC6C24
36-72VDC
±5VDC
±0mA
±2500 mA
25 mA
660 mA 82
2500uF
EC6C25
36-72VDC
±12VDC
±0mA
±1250 mA
25 mA
735 mA 87
1250uF
EC6C26
36-72VDC
±15VDC
±0mA
±1000 mA
25 mA
735 mA 87
470uF
EC6C27
36-72VDC
5/±12VDC 500/±100 mA 3500/±310 mA
25 mA
655 mA 83
2200/220uF
EC6C28
36-72VDC
5/±15VDC 500/±100 mA 3500/±250 mA
25 mA
655 mA 82
1500/150uF
EC6C29
36-72VDC
3.3VDC
0mA
5000 mA
20 mA
460 mA 79
5000uF


Similar Part No. - EC6C02

ManufacturerPart #DatasheetDescription
logo
Europa PLC
EC6 EUROPA-EC6 Datasheet
787Kb / 1P
Open Front Enclosures
logo
Heyco.
EC60 HEYCO-EC60 Datasheet
210Kb / 1P
Female Cord Connectors
logo
Lumins Inc.
EC600 LUMINIS-EC600 Datasheet
413Kb / 4P
Cast aluminum upper electrical housing
logo
Vishay Siliconix
EC600-103 VISHAY-EC600-103 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC600-104 VISHAY-EC600-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC6C02

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Tumbler Technologies + ...
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
DC/DC CONVERTERS 2:1 Input, 25 Watts
TD6-16S123.3 TRUMPOWER-TD6-16S123.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 25-30 Watt
logo
List of Unclassifed Man...
EC2SB-24S05 ETC2-EC2SB-24S05 Datasheet
54Kb / 3P
10 WATT 2 1 INPUT DC-DC CONVERTERS
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
15 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BU CINCON-EC4BU Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
750 WATT 2:1 INPUT DC-DC CONVERTERS
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
300 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com