Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7A Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC7A
Description  10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7A Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC7A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V29
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ….……………….........…… 12V ….................. 9-18V
Efficiency…...........................................................…..………See Table
24V ………........... 18-36V
Isolation Voltage …..............….. Input/Output …..…..…. 1500VDC min.
48V …..………..... 36-75V
Isolation Resistance …......................……………........……. 10
9 ohm min.
Input Surge Voltage (100ms max.) …………...… 12V …........... 25Vdc max.
Isolation Capacitance…………………..……….…………..…1000pF typ.
24V …........... 50Vdc max.
Switching Frequency ….................…….............……………. 380KHz typ.
48V …......... 100Vdc max.
Operating Ambient Temperature ………..………..
……
-40℃ to +85℃
Under voltage lockout ………..….. 12Vin power up ………………….……. 8.8V
De-rating, Above 71℃ …………….…… Linearly to Zero power at 100℃
12Vin power down ……………………. 8V
Case Temperature(note4) ………….……………………….. 100℃ max.
24Vin power up …….………….……. 17V
Cooling ………………………………………………… Natural Convection
24Vin power down ………….………. 16V
Storage Temperature ……………….……....………..... -40℃ to +125℃
48Vin power up …….….…....….……. 34V
Humidity .................................................. 95% RH max. Non condensing
48Vin power down ……………………. 32V
MTBF ………. MIL-STD-217F, GB, 25℃, Full Load ………… 1150K hrs
Input Filter …………………………………………..………..….……… PI Type
Dimensions …… DIP .……1.25x0.80x0.40 inches(31.8x20.3x10.2 mm)
OUTPUT SPECIFICATIONS:
SMD …. 1.25x0.80x0.45 inches(31.8x20.3x11.4 mm)
Voltage Accuracy ……………...................................…………....... ±1.5% max.
Case Material ……..… Black Coated Copper with Non-Conductive Base
Voltage Balance(Dual) ……………………………………………… ±2.0% max.
Weight ………………………………………………………………… 18.4g
Transient Response: 75% - 100% Step Load Change
NOTE:
Error Band ………..……………………….…….. ±5% Vout Nominal
1. Measured from high line to low line.
Recovery Time …………………….………………….…….. < 300us
2. Measured from full load to 10% load.
Ripple & Noise, 20MHz BW…….. Single ….…….…………. 75mV pk-pk, max.
3. Suffix “S” to the model number with SMD packages.
Dual …….…….…….. 100mV pk-pk, max.
4. Maximum case temperature under any operating condition should
Temperature Coefficient …..........…………………..……....…….. ±0.05%/°C
not be exceeded 100℃.
Line Regulation (note1) …….…. Single …….........................…. ±0.2% max.
Dual ……............................…. ±0.5% max.
Load Regulation (note2) ……..… Single … DIP±0.5% max., SMD±1.0% max.
Dual ……............................…. ±1.0% max.
Output Short Circuit Protection …......................................….…. Continuous
Over voltage Protection (Zener Diode Clamp, Single Output Only)
2.5V, 3.3V………………………………..………….3.9Vdc typ.
5V ……..………. 6.2Vdc typ., 12V……………..….15Vdc typ.
15V………..….…………………..……………….….18Vdc typ.
Start up time ………. 24(48)S25(33) ….…….………………..…... 120ms typ.
24(48)S05(12) ………………………..…... ...60ms typ.
Others ………….…….…………...…..…... ….8ms typ.
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
SMD Packages
TOP
VIEW
PIN CONNECTION
NC
-V Input
+V Output
-V Output
+V Input
Pin
Single Output
DIP
SMD
1,24
2,3
10
11
12
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NP
NC
NP
NC
-V Output
Common
-V Input
+V Output
Common
+V Input
Dual Output
DIP
SMD
NP
NC
NP
NC
NP
NC
NP
NC
NP
-V Output
NP
NC
15
NP
+V Output
NP
NC
13
DIP Packages
NP
NC
Typical Derating curve for Natural Convection
65
71
-40
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
Vo=3.3V
Others



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com