Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7B Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC7B
Description  20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7B Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC7B Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7B Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V29
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....………………….....…. 12V .....................…… 9 - 18V
Efficiency .................................................................…..……... See Table
24V ……..…….…….. 18 - 36V
Isolation Voltage ............….. Input/Output .........……..…. 1500VDC max.
48V ……..…….….…. 36 - 75V
Isolation Resistance ............................…...............……. 10
8 ohm min.
Input Surge Voltage (100ms max.) …….…..… 12V ………............ 25Vdc max.
Isolation Capacitance …………………..……………….…… 1000pF typ.
24V ..................... 50Vdc max.
Switching Frequency .........................…….........………...... 350KHz typ.
48V ................... 100Vdc max.
EMI/RFI ……………………….……..…….. Six Sided Continuous Shield
Under Voltage Lockout ……….. 12Vin power up ……………..…..………. 8.8V
Operating Ambient Temperature ………………..…... -40
to +85
℃
℃
12Vin power down …….…...........……. 8.0V
De-rating, Above 71
………………… Linearly to Zero power at 100
℃
℃
24Vin power up …………..…...………... 17V
Case Temperature (note6) ………………….……………….. 100
max.
℃
24Vin power down …………............…. 16V
Cooling ………………………………………………… Natural Convection
48Vin power up ………….…………….. 34V
Storage Temperature ………………....….......……........ -55
to +125
℃
℃
48Vin power down ……..…..……....…. 33V
Humidity .................................................. 95% RH max. Non condensing
Positive Logic Remote ON/OFF (see note3&4)
MTBF …. MIL-STD-217F, GB, 25℃, Full Load …. Single … 900Khrs typ.
Input Filter ………………………………………………….……………… Pi Type
Dual ….. 740Khrs typ.
OUTPUT SPECIFICATIONS:
Dimensions ………........... 2.00x1.00x0.40 inches (50.8x25.4x10.2 mm)
Voltage Accuracy.....................................................………........… ±1.5% max.
Case Material ……..… Black Coated Copper with Non-Conductive Base
Voltage Balance (Dual) ……….………………………………….….±2.0% max.
Weight …………………………………………………………………... 35g
Transient Response: 75% - 100% Step Load Change
NOTE :
Error Band …….. ±5% Vout nominal, Recovery Time ….……….. <500us
1. Measured from high line to low line.
Ripple & Noise, 20MHz BW (Measured with 0.1uF MLCC) ……... 75mVpk-pk, max.
2. Measured from full load to 10% load.
Temperature Coefficient .……………………………………………. ±0.03%/°C
3. Logic compatibility …. CMOS or open collector TTL, ref. to -Vin
Line Regulation (note1) .…….……… Single. .......................…. ±0.2% max.
Module on …………..………………..… >5.5VDC or open circuit
Dual ………….….……….. ±0.5% max.
Module off ………………………….…………..…..……. <1.2VDC
Load Regulation (note2) …….……… Single/Dual …........…...... ±1.0% max.
4. Suffix "N" to the model number with negative logic remote on/off
Over Voltage Protection ……………………….………….. Zener or TVS Clamp
Module on ………………………………….…………... <1.2VDC
Output Short Circuit Protection .............................................….…. Continuous
Module off …………………………….. >5.5VDC or open circuit
External Trim Adj. Range ……….…… Single …………..……….…..…… ±10%
5. Suffix “S” to the model number with alternative pin configuration,
Start up time ……………………….… EC7B-24S12/15 ……...…... 13ms typ.
single output models only.
EC7B-48S12/15 …….….….. 22ms typ.
6. Maximum case temperature under any operating condition should
Other ……………….……...…. 5ms typ.
not be exceeded 100
.
℃
Case B Dimensions:
1.00
[25.4]
BOTTOM
1.00
[25.4]
0.400
[10.16]
5
0.22
[5.6]
0.400
[10.16]
3
4
VIEW
min
0.40
[10.2]
All Dimensions In Inches (mm)
Tolerances Inches: X.XX= ±.04 , X.XXX= ±.010
Millimeters: X.X= ±1.0 , X.XX= ±0.25
STANDARD PIN
CONFIGURATION
0.300
[7.62]
6
0.200
[5.08]
0.40
[10.2]
1
2
BOTTOM VIEW
0.22
[5.6]
6
2
1
0.200
[5.08]
0.600
[15.24]
0.20
[5.1]
0.40
[10.2]
min
SUFFIX"S"PIN
0.10
[2.5]
3
5
4
CONFIGURATION
0.400
[10.16]
0.400
[10.16]
+V Input
-V Input
+V Output
-V Output
Single
Trim
PIN CONNECTION
2
5
6
4
3
1
Pin
Remote ON/OFF
Common
Dual
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
+V Input
-V Input
+V Output
-V Output
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
Typical Derating curve for Natural Convection
100
-40
71
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com