Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS221 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LS221
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS221 Datasheet(HTML) 5 Page - ON Semiconductor

  74LS221 Datasheet HTML 1Page - ON Semiconductor 74LS221 Datasheet HTML 2Page - ON Semiconductor 74LS221 Datasheet HTML 3Page - ON Semiconductor 74LS221 Datasheet HTML 4Page - ON Semiconductor 74LS221 Datasheet HTML 5Page - ON Semiconductor 74LS221 Datasheet HTML 6Page - ON Semiconductor 74LS221 Datasheet HTML 7Page - ON Semiconductor 74LS221 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS221
http://onsemi.com
5
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
From
To
Limits
Symbol
From
(Input)
To
(Output)
Min
Typ
Max
Unit
Test Conditions
t
A
Q
45
70
ns
tPLH
B
Q
35
55
ns
t
A
Q
50
80
ns
C
=80 pFR
=20
Ω
tPHL
B
Q
40
65
ns
Cext = 80 pF, Rext = 2.0 Ω
tPHL
Clear
Q
35
55
ns
CL = 15 pF,
tPLH
Clear
Q
44
65
ns
L
See Figure 1
70
120
150
Cext = 80 pF, Rext = 2.0 Ω
t ()
AorB
QorQ
20
47
70
ns
Cext = 0, Rext = 2.0 kΩ
tW(out)
A or B
Q or Q
600
670
750
Cext = 100 pF, Rext = 10 kΩ
6.0
6.9
7.5
ms
Cext = 1.0 µF, Rext = 10 kΩ
AC SETUP REQUIREMENTS (VCC = 5.0 V, TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Rate of Rise or Fall of Input Pulse
dv/dt
Schmitt, B
1.0
V/s
Logic Input, A
1.0
V/
µs
Input Pulse Width
tW
A or B, tW(in)
40
ns
W
Clear, tW (clear)
40
ts
Clear-Inactive-State Setup Time
15
ns
Rext
External Timing Resistance
1.4
100
k
Ω
Cext
External Timing Capacitance
0
1000
µF
Output Duty Cycle
RT = 2.0 k
Ω
50
%
RT = MAX Rext
90



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com