Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40M033 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM40M033
Description  40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40M033 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM40M033 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40M033 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40M033 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V18
2
Specifications
CFM40M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…............................................. 90~264Vac
120~370Vdc
Frequency ………………………………………………………..... 47 to 63Hz
Inrush Current …………................ Cold start @25℃ 60A max. @240Vac
Input Current ……….………………. 100Vac/1A max., 240Vac/0.55A max.
Leakage Current …………………………………….….…...…… 100uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time …………………………..……………… 10ms typ. @115Vac
Short Circuit Protection …………………….…. Hiccup Mode (Auto Recover)
Over Voltage Protection …………………..…...… TVS Component to Clamp
Temperature Coefficient ……………………................................. ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ……………………..……………….... Input to output=4000VAC min.
Operating Temperature ........................... -20℃ ~ 70℃(see Derating Curve)
Storage Temperature ………………..…………....….......…........ -40℃~85℃
Humidity ...................................................... 93% RH max. Non Condensing
Cooling ………………………..…………………..... Natural Convection
Switching Frequency …………………………………….……. 65KHz Typical
MTBF …………… MIL-HDBK-217F, GB, 25℃/115VAC …… 200Khrs min.
Altitude ……………………..……………………….………..………… 3000m
Dimensions …………. 3.000x2.000x0.909 Inches (76.20x50.80x23.10 mm)
CFM40XXX-P: 3.000x2.000x0.948 Inches (76.20x50.80x25.00 mm)
CFM40XXX-C: 3.200x2.441x1.260 Inches (81.28x62.00x32.00 mm)
Weight ……… CFM40MXXX, CFM40MXXX-P: 90g, CFM40MXXX-C: 176g
SAFETY AND EMC:
Emission and Immunity (Ed. 4.0) .. EN55011, EN55032, EN55032 Class B
FCC CFR 47 Part 15,18, EN61204-3, EN61000-6-1, EN610006-3
EN60601-1-2, EN61000-3-2, EN61000-3-3
Safety (Ed. 3.1) ….. Class Ι, IEC60601-1:2005+A1:2012, EN60601-1:2006/A1:2013
UL ANSI/AAMI ES60601-1:2005, IEC60950-1, EN60950-1, UL60950-1
NOTE:
1. Voltage accuracy is set at full load.
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
ripple&noise measurement @20MHz BW.
3. Line regulation is measured from high line to low line with full load.
4. Load regulation is measured from 10% to 100% full load.
5. Typical efficiency at 230VAC and full load 25℃.
6. Standard input and output connectors (CN1 and CN2) wafer with
TAIWAN KING PIN TERMINAL PVHI series and mate with JST housing
VHR series or equivalent.
Mechanical Specification
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
CFM40MXXX
CFM40MXXX-P
ACL 3
CN2
1 Vout(+)
4 Vout(-)
3.000[76.20]
2.700[68.58]
0.150[3.81]
CN1
ACN 1
2 Vout(+)
3 Vout(-)
3.000[76.20]
2.700[68.58]
0.150[3.81]
0.171[4.34]
0.167[4.24]
1 Vout(+)
2 Vout(+)
3 Vout(-)
4 Vout(-)
Φ0.071[1.80]
Φ0.039[1.00]
2.662[67.61]
CN2
CN1
ACN 1
ACL 3
PE
PE
PE
PE
4-Φ
0.1
42
[Φ
3.6
0]
4-
Φ
0.
14
2[
Φ
3.
60
]
Open Frame version: CFM40MXXX
CFM40M050
0%
20%
40%
60%
80%
100%
-20 -10
0
10 20
30 40 50 60
70
Ambient Temperature (
oC)
20LFM (Natural Convection)
CFM40M033、090、120、150、240、300、360、480
0%
20%
40%
60%
80%
100%
-20 -10
0
10 20
30 40 50 60
70
Ambient Temperature (
oC)
20LFM (Natural Convection)
Covered version: CFM40MXXX-C
CFM40M050-C
CFM40M033-C、090-C、120-C、150-C、240-C、300-C、360-C、480-C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com